전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3S1265RD-TU 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 KA3S1265RD-TU
상세설명  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3S1265RD-TU 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  KA3S1265RD-TU Datasheet HTML 1Page - Fairchild Semiconductor KA3S1265RD-TU Datasheet HTML 2Page - Fairchild Semiconductor KA3S1265RD-TU Datasheet HTML 3Page - Fairchild Semiconductor KA3S1265RD-TU Datasheet HTML 4Page - Fairchild Semiconductor KA3S1265RD-TU Datasheet HTML 5Page - Fairchild Semiconductor KA3S1265RD-TU Datasheet HTML 6Page - Fairchild Semiconductor KA3S1265RD-TU Datasheet HTML 7Page - Fairchild Semiconductor KA3S1265RD-TU Datasheet HTML 8Page - Fairchild Semiconductor KA3S1265RD-TU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
KA3S1265R/KA3S1265RF/KA3S1265RD
4
Electrical Charcteristics (CONTROL part)
(Ta = 25
°C unless otherwise specified)
Note:
1. These parameters, although guaranteed, are not 100% tested in production
2. These parameters, although guaranteed, are tested in EDS(water test) process
3.The amplitude of the sync. pulse is recommended to be between 2V and 3V for stable sync. function.
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
UVLO SECTION
Start threshold voltage
VSTART
-14
15
16
V
Stop threshold voltage
VSTOP
After turn on
9
10
11
V
OSCILLATOR SECTION
Initial accuracy
FOSC
Ta=25
°C18
20
22
kHz
Frequency change with temperature(2)
∆F/∆T
−25°C ≤ Ta ≤ +85°C-
±5
±10
%
Maximum duty cycle
Dmax
-
92
95
98
%
FEEDBACK SECTION
Feedback source current
IFB
Ta=25
°C, Vfb=GND
0.8
1
1.2
mA
Shutdown feedback voltage
VSD
-6.9
7.5
8.1
V
Shutdown delay current
Idelay
Ta=25
°C, 5V ≤ Vfb ≤ VSD
1.4
1.8
2.2
µA
SYNC. & SOFT START SECTION
Soft start voltage
VSS
VFB=2V
4.7
5.0
5.4
V
Soft start current
ISS
Sync & S/S=GND
0.8
-
-
mA
Sync threshold voltage
VSYTH
KA3S1265R,KA3S1265RF
6.0
6.4
6.8
V
Sync threshold voltage(ON)(3)
VSYTH(ON)
KA3S1265RD
6.86
7.23
7.60
Sync threshold voltage(OFF)(3)
VSYTH(OFF)
5.92
6.23
6.54
REFERENCE SECTION
Output voltage (1)
Vref
Ta=25
°C
4.80
5.00
5.20
V
Temperature stability (1)(2)
Vref/
∆T
−25°C ≤ Ta ≤ +85°C-
0.3
0.6
mV/
°C
CURRENT LIMIT (SELF-PROTECTION) SECTION
Peak Current Limit
IOVER
Max. inductor current
7.04
8.00
8.96
A
PROTECTION SECTION
Thermal shutdown temperature (Tj) (1)
TSD
-
140
160
-
°C
TOTAL DEVICE SECTION
Start Up current
ISTART
VCC=14V
0.1
0.3
0.55
mA
Operating supply current
(Control Part Only)
IOP
Ta=25
°C
6
12
18
mA
Vcc Zener voltage
VZ
ICC=20mA
30
32.5
35
V


유사한 부품 번호 - KA3S1265RD-TU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA3S0680 FAIRCHILD-KA3S0680 Datasheet
143Kb / 12P
   Fairchild Power Switch(FPS)
KA3S0680RB FAIRCHILD-KA3S0680RB Datasheet
143Kb / 12P
   Fairchild Power Switch(FPS)
KA3S0680RB-TU FAIRCHILD-KA3S0680RB-TU Datasheet
143Kb / 12P
   Fairchild Power Switch(FPS)
KA3S0680RB-YDTU FAIRCHILD-KA3S0680RB-YDTU Datasheet
143Kb / 12P
   Fairchild Power Switch(FPS)
KA3S0680RF FAIRCHILD-KA3S0680RF Datasheet
143Kb / 12P
   Fairchild Power Switch(FPS)
More results

유사한 설명 - KA3S1265RD-TU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com