전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA558B 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 KA558B
상세설명  Quad Timer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA558B 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  KA558B Datasheet HTML 1Page - Fairchild Semiconductor KA558B Datasheet HTML 2Page - Fairchild Semiconductor KA558B Datasheet HTML 3Page - Fairchild Semiconductor KA558B Datasheet HTML 4Page - Fairchild Semiconductor KA558B Datasheet HTML 5Page - Fairchild Semiconductor KA558B Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KA558/KA558B
2
Absolute Maximum Ratings (TA = 25
°°°°C)
Electrical Characteristics
(VCC = 5 ~ 15V, TA = 25
°C, unless otherwise specified)
Note :
1. The trigger functions only on the falling edge of the trigger pulse only after previously being high. After reset the trigger must
be brought high and then low to implement triggering.
2. For reset below 0.8V, outputs set low and trigger inhibited.
3. Output structure is open collector which requires a pull up resistor to VCC to sink current.
The output is normally low sinking current.
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
16
V
Lead Temperature (soldering 10sec)
TLEAD
300
°C
Power Dissipation
PD
600
mW
Operating Temperature Range KA558/KA558B
TOPR
0 ~ + 70
°C
Storage Temperature Range
TSTG
-65 ~ + 150
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
-4.5
-
16
V
Supply Current
ICC
VCC =15V, reset voltage =15V
-
16
36
mA
Timing Error (T = RC)
Initial Accuracy
Drift with Temperature
Drift with Supply Voltage
ACCUR
∆t/∆T
∆t/∆VCC
R = 2K
Ω to 100KΩ, C =1µF-
±2
30
0.1
5
150
0.9
%
PPM/
°C
%/V
*1Trigger Voltage
VTR
VCC = 15V
-
1.5
2.4
V
*1Trigger Current
ITR
VTR= 0V
-
5.0
100
µA
*2Reset Voltage
VRST
-
0.8
1.5
2.4
V
*2Reset Current
IRST
-
-
50
500
µA
Threshold Voltage
VTH
-0.8
0.63
×
VCC
-V
Threshold Current
ITH
--
15
-
nA
*3Output Voltage
VO
IL = 10mA
-
0.1
0.4
V
IL = 100mA
-
1.0
2.0
Output Leakage Current
ILKG
-
-
10
500
nA
Propagation Delay Time
tD
--
1.0
-
µS
Rise Time
tR
IL = 100mA
-
100
-
nS
Fall Time
tF
IL = 100mA
-
100
-
nS


유사한 부품 번호 - KA558B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA5532 FAIRCHILD-KA5532 Datasheet
73Kb / 6P
   Dual Operational Amplifier
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
156Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
More results

유사한 설명 - KA558B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
NE558 ETC2-NE558 Datasheet
83Kb / 4P
   Quad Timer
July 8, 1988
logo
Fairchild Semiconductor
NE558 FAIRCHILD-NE558 Datasheet
43Kb / 6P
   Quad Timer
logo
NXP Semiconductors
NE558 PHILIPS-NE558 Datasheet
74Kb / 4P
   Quad timer
August 31, 1994
logo
NTE Electronics
NTE926 NTE-NTE926 Datasheet
23Kb / 2P
   Integrated Circuit Quad Timer
logo
Motorola, Inc
MC14415 MOTOROLA-MC14415 Datasheet
256Kb / 7P
   Quad Precision Timer/Driver
logo
Advanced Linear Devices
ALD4501 ALD-ALD4501_10 Datasheet
66Kb / 7P
   QUAD PRECISION HIGH SPEED MICROPOWER TIMER
ALD4501 ALD-ALD4501 Datasheet
42Kb / 4P
   QUAD PRECISION HIGH SPEED MICROPOWER TIMER
logo
Linear Technology
LTC2900 LINER-LTC2900_15 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2900 LINER-LTC2900 Datasheet
199Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com