전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA5Q12656RTTU 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 KA5Q12656RTTU
상세설명  Fairchild Power Switch(FPS)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5Q12656RTTU 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  KA5Q12656RTTU Datasheet HTML 1Page - Fairchild Semiconductor KA5Q12656RTTU Datasheet HTML 2Page - Fairchild Semiconductor KA5Q12656RTTU Datasheet HTML 3Page - Fairchild Semiconductor KA5Q12656RTTU Datasheet HTML 4Page - Fairchild Semiconductor KA5Q12656RTTU Datasheet HTML 5Page - Fairchild Semiconductor KA5Q12656RTTU Datasheet HTML 6Page - Fairchild Semiconductor KA5Q12656RTTU Datasheet HTML 7Page - Fairchild Semiconductor KA5Q12656RTTU Datasheet HTML 8Page - Fairchild Semiconductor KA5Q12656RTTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
KA5Q-SERIES
3
(Ta=25
°C, unless otherwise specified)
Note:
1. Repetitive rating : Pulse width limited by maximum junction temperature
2. L = 10mH, VDD =50V, RG = 27
Ω, starting Tj = 25°C
3. L = 13uH, starting Tj = 25
°C
Characteristic
Symbol
Value
Unit
KA5Q1265RF
Drain-Gate Voltage(RGS=1M
Ω)
VDGR
650
V
Gate-Source(GND) Voltage
VGS
±30
V
Drain Current Pulsed(1)
IDM
48
ADC
Continuous Drain Current (Tc = 25
°C)
ID
12
ADC
Continuous Drain Current (Tc = 100
°C)
ID
8.4
ADC
Single Pulsed Avalanch Current(Energy (2))IAS(EAS)
33(950)
A(mJ)
Maximum Supply Voltage
VCC,MAX
40
V
Input Voltage Range
VFB
-0.3 to VCC
V
VSync
-0.3 to 13
V
Total Power Dissipation
PD
95
W
Derating
0.76
W/
°C
Operating Junction Temperature.
TJ
+160
°C
Operating Ambient Temperature.
TA
-25 to +85
°C
Storage Temperature Range.
TSTG
-55 to +150
°C
Thermal Resistance
Rthjc
1.31
°C/W
KA5Q1565RF
Drain-Gate Voltage(RGS=1M
Ω)
VDGR
650
V
Gate-Source(GND) Voltage
VGS
±30
V
Drain Current Pulsed(1)
IDM
60
ADC
Continuous Drain Current (Tc = 25
°C)
ID
15
ADC
Continuous Drain Current (Tc = 100
°C)
ID
12.0
ADC
Single Pulsed Avalanch Current(Energy (2))IAS(EAS)
36(1050)
A(mJ)
Maximum Supply Voltage
VCC,MAX
40
V
Input Voltage Range
VFB
-0.3 to VCC
V
VSync
-0.3 to 13
V
Total Power Dissipation
PD
98
W
Derating
0.78
W/
°C
Operating Junction Temperature.
TJ
+160
°C
Operating Ambient Temperature.
TA
-25 to +85
°C
Storage Temperature Range.
TSTG
-55 to +150
°C
Thermal Resistance
Rthjc
1.28
°C/W


유사한 부품 번호 - KA5Q12656RTTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA5Q1265RT FAIRCHILD-KA5Q1265RT Datasheet
61Kb / 6P
   product family is specially designed for an off-line SMPS
More results

유사한 설명 - KA5Q12656RTTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com