전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6657A 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD6657A
상세설명  High Performance 65 MHz Bandwidth Quad IF Receiver with Antialiasing Filter and 184.32 MSPS Sampling Rate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6657A 데이터시트(HTML) 2 Page - Analog Devices

  AD6657A Datasheet HTML 1Page - Analog Devices AD6657A Datasheet HTML 2Page - Analog Devices AD6657A Datasheet HTML 3Page - Analog Devices AD6657A Datasheet HTML 4Page - Analog Devices AD6657A Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CN-0259
Circuit Note
Rev. B | Page 2 of 5
CIRCUIT DESCRIPTION
The circuit shown in Figure 1 accepts a single-ended input
and converts it to differential using a wide bandwidth (3 GHz)
M/A-COM ECT1-1-13M 1:1 transformer. The ADL5565 6.0 GHz
differential amplifier has a differential input impedance of 200 Ω
when operating at a gain of 6 dB, 100 Ω when operating at a
gain of 12 dB, and 67 Ω when operating at a gain of 15.5 dB.
The ADL5565 is an ideal driver for the AD6657A, and the fully
differential architecture through the low-pass filter and into the
ADC provides good high frequency common-mode rejection,
as well as minimizes second-order distortion products. The
ADL5565 provides a gain of 6 dB, 12 dB, or 15.5 dB depending
on the input connection. In the circuit, a gain of 6 dB was used
to compensate for the insertion loss of the filter network and
the transformer (approximately 2.1 dB), providing an overall
signal gain of 4.0 dB. The gain also helps minimize noise
impacts from the amplifier.
The AD6657A is a quad IF receiver where each ADC output is
connected internally to a digital noise shaping requantizer (NSR)
block. The integrated NSR circuitry allows for improved SNR
performance in a smaller frequency band within the Nyquist
bandwidth.
The NSR block can be programmed to provide a bandwidth of
either 22%, 33%, or 36% of the sampling rate. For the data taken
in this circuit note, the sampling rate was 184.32 MSPS, and the
following NSR settings applied:
NSR bandwidth = 36%
Tuning word (TW) = 12
Left band edge = 11.06 MHz (input = 173.26 MHz)
Center frequency = 44.24 MHz (input = 140.08 MHz)
Right band edge = 77.41 MHz (input = 106.91 MHz)
Details of the operation of the NSR blocks can be found in the
AD6657A data sheet.
The antialiasing filter is a fourth-order Butterworth low-pass
filter designed with a standard filter design program (Agilent ADS
in this case). A Butterworth filter was chosen because of its flat
response. A fourth-order filter yields an ac noise bandwidth
ratio of 1.03. Other filter design programs are available from
Nuhertz Technologies or Quite Universal Circuit Simulator
(Qucs) Simulation.
To achieve best performance, load the ADL5565 with a net
differential load of at least 200 Ω. The 20 Ω series resistors
isolate the filter capacitance from the amplifier output and,
when added with the downstream impedance, yields a net load
impedance of 249 Ω.
The 15 Ω resistors in series with the ADC inputs isolate internal
switching transients from the filter and the amplifier. The 110 Ω
resistors in parallel with the ADC serve to reduce the input
impedance of the ADC for more predictable performance.
The differential input impedance of the AD6657A is
approximately 2.4 kΩ in parallel with 2.2 pF. The real and
imaginary components are a function of input frequency for
this type of switched capacitor input ADC; the analysis can be
found in Application Note AN-742.
The fourth-order Butterworth filter was designed with a source
impedance of 50 Ω, a load impedance of 209 Ω, and a 3 dB
bandwidth of 190 MHz. The final circuit values for the filter are
shown in Figure 3. The values generated from the filter program
are shown in Figure 2. The values chosen for the filter passive
components were the closest standard values to those generated
by the program. The internal 2.2 pF capacitance of the ADC was
utilized as the final shunt capacitance in the filter design. A small
amount of additional shunt capacitance (1.5 pF) was added into
the final shunt capacitance at the ADC inputs to help reduce kick
back charge currents from the ADC input sampling network
and to optimize the filter performance.
As seen with this design, obtaining the optimal performance
can sometimes be an iterative process. The filter program design
values were quite close to the final values, but due to some board
parasitics, the final values of the filter were slightly different.
Figure 3 shows the final design values for the filter.
110nH
6.0pF
2.2pF
25Ω
209Ω
82nH
110nH
25Ω
82nH
Figure 2. Filter Program Initial Design for Fourth-Order Differential
Butterworth Filter with ZS = 50 Ω, ZL = 209 Ω, FC = 190 MHz
72nH
7.5pF
3.7pF
25Ω
209Ω
110nH
72nH
25Ω
110nH
Figure 3. Final Design Values for Fourth-Order Differential Butterworth Filter
with ZS = 50 Ω, ZL = 209 Ω, FC = 190 MHz
The measured performance of the system is summarized in
Table 1, where the 3 dB bandwidth is 210 MHz. The total
insertion loss of the network is approximately 2 dB. The
bandwidth response of the final filter circuit is shown in
Figure 4, and the SNR, SFDR performance in Figure 5.


유사한 부품 번호 - AD6657A

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6657A AD-AD6657A Datasheet
1Mb / 36P
   Quad IF Receiver
REV. 0
AD6657A AD-AD6657A Datasheet
1Mb / 37P
   Quad IF Receiver
AD6657ABBCZ AD-AD6657ABBCZ Datasheet
1Mb / 36P
   Quad IF Receiver
REV. 0
AD6657ABBCZ AD-AD6657ABBCZ Datasheet
1Mb / 37P
   Quad IF Receiver
AD6657ABBCZRL AD-AD6657ABBCZRL Datasheet
1Mb / 36P
   Quad IF Receiver
REV. 0
More results

유사한 설명 - AD6657A

제조업체부품명데이터시트상세설명
logo
Analog Devices
CN-0227 AD-CN-0227 Datasheet
269Kb / 5P
   High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
REV. A
logo
Texas Instruments
ADS5413-11 TI-ADS5413-11 Datasheet
311Kb / 19P
[Old version datasheet]   SINGLE 11-BIT, 65-MSPS HIGH IF SAMPLING
logo
Analog Devices
CN-0140 AD-CN-0140 Datasheet
198Kb / 4P
   High Performance, Dual Channel IF Sampling Receiver
REV. 0
AD6677 AD-AD6677 Datasheet
1Mb / 48P
   80 MHz Bandwidth, IF Receiver
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
logo
TriQuint Semiconductor
857124 TRIQUINT-857124_15 Datasheet
451Kb / 6P
   184.32 MHz SAW Filter
logo
Analog Devices
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
CN-0279 AD-CN-0279 Datasheet
176Kb / 5P
   High IF Sampling Receiver Front End with Band-Pass Filter
REV. 0
AD6684 AD-AD6684 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com