전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA741I 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 KA741I
상세설명  Single Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA741I 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  KA741I Datasheet HTML 1Page - Fairchild Semiconductor KA741I Datasheet HTML 2Page - Fairchild Semiconductor KA741I Datasheet HTML 3Page - Fairchild Semiconductor KA741I Datasheet HTML 4Page - Fairchild Semiconductor KA741I Datasheet HTML 5Page - Fairchild Semiconductor KA741I Datasheet HTML 6Page - Fairchild Semiconductor KA741I Datasheet HTML 7Page - Fairchild Semiconductor KA741I Datasheet HTML 8Page - Fairchild Semiconductor KA741I Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
KA741
3
Electrical Characteristics
(VCC = 15V, VEE = - 15V. TA = 25
°C, unless otherwise specified)
Note:
1. Guaranteed by design.
Parameter
Symbol
Conditions
KA741/KA741I
Unit
Min.
Typ.
Max.
Input Offset Voltage
VIO
RS
≤10KΩ
-2.0
6.0
mV
RS
≤50Ω
--
-
Input Offset Voltage
Adjustment Range
VIO(R)
VCC =
±20V
-
±15
-
mV
Input Offset Current
IIO
-
-
20
200
nA
Input Bias Current
IBIAS
-
-
80
500
nA
Input Resistance (Note1)
RI
VCC =
±20V
0.3
2.0
-
M
Input Voltage Range
VI(R)
-
±12
±13
-
V
Large Signal Voltage Gain
GV
RL
≥2KΩ
VCC =
±20V,
VO(P-P) =
±15V
--
-
V/mV
VCC =
±15V,
VO(P-P) =
±10V
20
200
-
Output Short Circuit Current
ISC
--
25
-
mA
Output Voltage Swing
VO(P-P)
VCC =
±20V
RL
≥10KΩ
--
-
V
RL
≥2KΩ
--
-
VCC =
±15V
RL
≥10KΩ±12
±14
-
RL
≥2KΩ±10
±13
-
Common Mode Rejection Ratio
CMRR
RS
≤10KΩ, VCM = ±12V
70
90
-
dB
RS
≤50Ω, VCM = ±12V
-
-
-
Power Supply Rejection Ratio
PSRR
VCC =
±15V to VCC = ±15V
RS
≤50Ω
--
-
dB
VCC =
±15V to VCC = ±15V
RS
≤10KΩ
77
96
-
Transient
Rise Time
TR
Unity Gain
-0.3
-
µs
Response
Overshoot
OS
-
10
-
%
Bandwidth
BW
-
--
-
MHz
Slew Rate
SR
Unity Gain
-
0.5
-
V/
µs
Supply Current
ICC
RL=
∞Ω
-1.5
2.8
mA
Power Consumption
PC
VCC =
±20V
-
-
-
mW
VCC =
±15V
-
50
85


유사한 부품 번호 - KA741I

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
121Kb / 12P
   Single Operational Amplifier
logo
List of Unclassifed Man...
KA741 ETC2-KA741 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA741DTF FAIRCHILD-KA741DTF Datasheet
121Kb / 12P
   Single Operational Amplifier
More results

유사한 설명 - KA741I

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com