전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA7525B 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 KA7525B
상세설명  Power Factor Correction Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7525B 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button KA7525B Datasheet HTML 6Page - Fairchild Semiconductor KA7525B Datasheet HTML 7Page - Fairchild Semiconductor KA7525B Datasheet HTML 8Page - Fairchild Semiconductor KA7525B Datasheet HTML 9Page - Fairchild Semiconductor KA7525B Datasheet HTML 10Page - Fairchild Semiconductor KA7525B Datasheet HTML 11Page - Fairchild Semiconductor KA7525B Datasheet HTML 12Page - Fairchild Semiconductor KA7525B Datasheet HTML 13Page - Fairchild Semiconductor KA7525B Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
KA7525B
10
Error Amplifier
An Error Amplifier with access to the inverting input and output is provided. The noninverting input is internally biased at
2.5V and is not pinned out. The output voltage of the power factor converter is typically divided down and monitored by the
inverting input. The error amp output is internally connected to the multiplier and is pinned out for external loop compensa-
tion. Typically, the bandwidth is set below 20Hz, so that the amplifer’s output voltage is relatively constant over a given ac line
cycle. In effect, the error amp monitors the average output voltage of the converter over several line cycles. Input bias cur-
rent(0.5uA, max) can cause an output voltage error that is equal to the product of the input bias current and the value of the
upper divider resistor, R1 in Fig. 2.1.
Over Voltage Protection
The low bandwidth (typically below 20Hz) characteristic of Error Amplifier control loop results in output voltage runaway
condition. This condition can occur during initial start-up, sudden load removal, or during output arcing. The over voltage
comparator monitors the output voltage of the error amplifier. When load is removed, error amp output swings lower than
1.8V, comparator is triggered high and output driver is turned off till the error amp inverting input voltage drops below 2.5V.
At this point, the error amp output swings positive, turns the output driver back on. The diode, D1,D2 clamp the error amp out-
put voltage to two diode drops above reference voltage. This prohibits the error amplifier from being saturated, allowing it to
recover faster thus minimizing the boost voltage overshoot.
Multiplier
A single quadrant, two input multiplier is the critical element that enables this device to get power factor correction. One input
of multiplier(Pin 3) is connected to an external resistor divider monitoring the rectified ac line. The other input is internally
driven by a DC voltage which is the difference of error amplifier output (Pin 2) and reference voltage, Vref. The multiplier is
designed to have an extremely linear transfer curve over a wide dynamic range, 0V to 2V for Pin 3, and 2.5V to 3.5V for the
error amplifier output under all line and load conditions.
The multiplier output controls the current sense comparator threshold as the ac voltage traverses sinusoidally from zero to
peak line. This allows the inductor peak current to follow the ac line thus forcing the average input current to be sinusoidal. In
other words, this has the effect of forcing the MOSFET on-time to track the input line voltage, resulting in a fixed drive output
on-time, thus making the preconverter load appear to be resistive to the ac line.
-
+
-
+
+
1
2
INV
EA OUT
1.8V
Vref
Over Voltage
Vref
To Multiplier
To Drive
Output Shutdown
Ccomp
D1 D2
Comparator
R1
R2
R3
Band width= 1/(2
π×R1×Ccomp)
+
_
Figure 2.1 Error Amp and Over Voltage Comparator
+


유사한 부품 번호 - KA7525B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA75250 FAIRCHILD-KA75250 Datasheet
48Kb / 8P
   Voltage Detector
KA75250M FAIRCHILD-KA75250M Datasheet
48Kb / 8P
   Voltage Detector
KA75250M FAIRCHILD-KA75250M Datasheet
55Kb / 8P
   Voltage Detector
KA75250Z FAIRCHILD-KA75250Z Datasheet
48Kb / 8P
   Voltage Detector
KA75250Z FAIRCHILD-KA75250Z Datasheet
55Kb / 8P
   Voltage Detector
More results

유사한 설명 - KA7525B

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
FAN6982 FAIRCHILD-FAN6982 Datasheet
566Kb / 16P
   CCM Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com