전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA7525BD 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 KA7525BD
상세설명  Power Factor Correction Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7525BD 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button KA7525BD Datasheet HTML 5Page - Fairchild Semiconductor KA7525BD Datasheet HTML 6Page - Fairchild Semiconductor KA7525BD Datasheet HTML 7Page - Fairchild Semiconductor KA7525BD Datasheet HTML 8Page - Fairchild Semiconductor KA7525BD Datasheet HTML 9Page - Fairchild Semiconductor KA7525BD Datasheet HTML 10Page - Fairchild Semiconductor KA7525BD Datasheet HTML 11Page - Fairchild Semiconductor KA7525BD Datasheet HTML 12Page - Fairchild Semiconductor KA7525BD Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
KA7525B
9
Operating Description
KA7525B is high performance, critical conduction, current-mode power factor controller specifically designed for use in off
line active preconverters with minimal external components. This device provides the necessary features required to
significantly enhance poor power factor loads by keeping the ac line current sinuosity and in phase with the line voltage.
KA7525B contains many of the building blocks and protection features that are employed in modern high performance current
mode power supply controllers. A description of each of the function blocks is given below.
START-UP
An Under Voltage Lockout comparator has been incorporated to guarantee that IC is fully functional before enable the output
stage. The positive power supply terminal (Vcc) is monitored by the UVLO comparator with the upper threshold set at 10V
and the lower threshold at 7.9V. In the stand-by mode, with Vcc at 9.5V, the required supply current is less than 0.2mA. This
large hysteresis and low start-up current allow the implementation of efficient bootstrap start-up techniques, making this
device ideally suited for wide range off-line preconverter applications.
Fig.1.1 shows the start-up circuit. Circuit operation is as follows:
The start-up capacitor (Cst) is charged by current through start-up resistor (Rst) minus the start-up current drawn by the IC.
Once the capacitor voltage reaches the start-up threshold, the IC turns on, starting the switching of the MOSFET. The opera-
tion of the IC demands an increase in operating current which results in discharging the capacitor. Before the start-up capacitor
voltage is discharged below hysteresis voltage, the auxiliary winding voltage takes over as the supply voltage as shown in Fig.
1.2.
AC
input
KA7525/B
Vcc
Out
DVcc
Rst
Cst
+
B
t
Vstart
Cst discharges
Hysteresis
Cst charges
from Rst
Vcc
Figure 1.1 Start-up Circuit
Figure 1.2 Start-up Capacitor Voltage


유사한 부품 번호 - KA7525BD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA75250 FAIRCHILD-KA75250 Datasheet
48Kb / 8P
   Voltage Detector
KA75250M FAIRCHILD-KA75250M Datasheet
48Kb / 8P
   Voltage Detector
KA75250M FAIRCHILD-KA75250M Datasheet
55Kb / 8P
   Voltage Detector
KA75250Z FAIRCHILD-KA75250Z Datasheet
48Kb / 8P
   Voltage Detector
KA75250Z FAIRCHILD-KA75250Z Datasheet
55Kb / 8P
   Voltage Detector
More results

유사한 설명 - KA7525BD

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
FAN6982 FAIRCHILD-FAN6982 Datasheet
566Kb / 16P
   CCM Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com