전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD142 데이터시트(PDF) 1 Page - Comset Semiconductor

부품명 BD142
상세설명  NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMSET [Comset Semiconductor]
홈페이지  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD142 데이터시트(HTML) 1 Page - Comset Semiconductor

  BD142_12 Datasheet HTML 1Page - Comset Semiconductor BD142_12 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BD142
18/10/2012
COMSET SEMICONDUCTORS
1/2
NPN SILICON TRANSISTOR
POWER LINERAR AND SWITCHING APPLICATIONS
LF Large Signal Power Amplification
Low Saturation Voltage
High Dissipation Rating
Intended for a wide variety of intermediate-power applications.
It is especially suited for use in audio and inverter circuits at 12 volts.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
45
V
VCBO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
7
V
VCEX
Collector-Emitter Voltage
VBE=-1.5 V
50
V
IC
Collector Current
15
A
IB
Base Current
7
A
PT
Power Dissipation
@ TC = 25°
117
Watts
TJ
Junction Temperature
-65 to +200
°C
TS
Storage Temperature
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
1.5
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(BR)
Collector-Emitter Breakdown Voltage (*)
IC=200 mA, IB=0
45
V
VCEX(BR)
Collector-Emitter Breakdown Voltage (*)
IC=100 mA, VBE=-1.5 V
50
V
VCE(SAT)
Collector-Emitter Saturation Voltage (*)
IC=4 A, IB=0.4 A
-
-
1.1
V
ICEX
Collector-Emitter Cutoff Current
VCE= 40 V, VBE=-1.5 V
-
-
2
mA
IEBO
Emitter-Base Cutoff Current
VEB=7 V
-
-
1
mA
VBE
Base-Emitter Voltage (*)
IC=4.0 A, VCE=4.0V
-
-
1.5
V
IS/B
Second Breakdown collector current
t=1s, VCE=39 V
3
-
-
A
hFE
Static Forward Current Transfer Ratio (*)
VCE=4.0 V, IC=4.0 A
12.5
-
160
-
VCE=4.0 V, IC=0.5 A
20
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%


유사한 부품 번호 - BD142_12

제조업체부품명데이터시트상세설명
logo
Rohm
BD14210G-EVK-001 ROHM-BD14210G-EVK-001 Datasheet
668Kb / 4P
   Current Sense Amplifier
Rev.001 Oct.2022
BD14210G-LA ROHM-BD14210G-LA Datasheet
983Kb / 19P
   Current Sense Amplifier
03.Mar.2022 Rev.001
BD14210G-LA ROHM-BD14210G-LA Datasheet
668Kb / 4P
   Current Sense Amplifier
Rev.001 Oct.2022
BD14210G-LATR ROHM-BD14210G-LATR Datasheet
983Kb / 19P
   Current Sense Amplifier
03.Mar.2022 Rev.001
BD14215FVJ-LA ROHM-BD14215FVJ-LA Datasheet
1Mb / 19P
   Current Sense Amplifier
06.Sep.2022 Rev.001
More results

유사한 설명 - BD142_12

제조업체부품명데이터시트상세설명
logo
Comset Semiconductor
BD181 COMSET-BD181_12 Datasheet
78Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
List of Unclassifed Man...
BD183 ETC1-BD183 Datasheet
144Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Comset Semiconductor
BD181 COMSET-BD181 Datasheet
150Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
BD142 COMSET-BD142 Datasheet
81Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
List of Unclassifed Man...
BD142 ETC-BD142 Datasheet
132Kb / 3P
   NPN Silicon Transistor Power Linerar and Switching Applications
logo
Comset Semiconductor
BD130 COMSET-BD130 Datasheet
156Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
NTE Electronics
NTE2333 NTE-NTE2333 Datasheet
29Kb / 3P
   Silicon NPN Power Transistor for Switching Power Applications
logo
Fairchild Semiconductor
BCX20 FAIRCHILD-BCX20 Datasheet
78Kb / 3P
   NPN Epitaxial Silicon Transistor Switching and Amplifier Applications
logo
Wing Shing Computer Com...
BUT11 WINGS-BUT11 Datasheet
22Kb / 1P
   NPN SILICON TRANSISTOR(HIGH VOLTAGE POWER SWITCHING APPLICATIONS)
2SC5416LS WINGS-2SC5416LS Datasheet
65Kb / 1P
   NPN SILICON TRANSISTOR(HIGH VOLTAGE POWER SWITCHING APPLICATIONS)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com