전자부품 데이터시트 검색엔진 |
|
74HCT4066N 데이터시트(PDF) 5 Page - NXP Semiconductors |
|
74HCT4066N 데이터시트(HTML) 5 Page - NXP Semiconductors |
5 / 25 page 74HC_HCT4066 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 7 — 2 April 2013 5 of 25 NXP Semiconductors 74HC4066; 74HCT4066 Quad single-pole single-throw analog switch 8. Recommended operating conditions 9. Static characteristics Table 5. Recommended operating conditions Symbol Parameter Conditions 74HC4066 74HCT4066 Unit Min Typ Max Min Typ Max VCC supply voltage 2.0 5.0 10.0 4.5 5.0 5.5 V VI input voltage GND - VCC GND - VCC V VSW switch voltage GND - VCC GND - VCC V Tamb ambient temperature 40 +25 +125 40 +25 +125 C t/V input transition rise and fall rate VCC = 2.0 V - - 625 - - - ns/V VCC = 4.5 V - 1.67 139 - 1.67 139 ns/V VCC = 6.0 V - - 83 - - - ns/V VCC = 10.0 V - - 35 - - - ns/V Table 6. RON resistance per switch for types 74HC4066 and 74HCT4066 VI = VIH or VIL; for test circuit see Figure 6. Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input. Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output. For 74HC4066: VCC GND = 2.0 V, 4.5 V, 6.0 V and 9.0 V. For 74HCT4066: VCC GND = 4.5 V. Symbol Parameter Conditions 40 C to +85 C 40 C to +125 C Unit Min Typ[1] Max Min Max RON(peak) ON resistance (peak) Vis = VCC to GND VCC = 2.0 V; ISW = 100 A [2] --- - - VCC = 4.5 V; ISW = 1000 A - 54 - 118 142 VCC = 6.0 V; ISW = 1000 A - 42 - 105 126 VCC = 9.0 V; ISW = 1000 A - 32 - 88 105 RON(rail) ON resistance (rail) Vis = GND VCC = 2.0 V; ISW = 100 A [2] -80- - - VCC = 4.5 V; ISW = 1000 A- 35 - 95 115 VCC = 6.0 V; ISW = 1000 A - 27 - 82 100 VCC = 9.0 V; ISW = 1000 A- 20 - 70 85 Vis = VCC VCC = 2.0 V; ISW = 100 A [2] -100 - - - VCC = 4.5 V; ISW = 1000 A - 42 - 106 128 VCC = 6.0 V; ISW = 1000 A- 35 - 94 113 VCC = 9.0 V; ISW = 1000 A- 20 - 78 95 |
유사한 부품 번호 - 74HCT4066N |
|
유사한 설명 - 74HCT4066N |