전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD15GA5MEFJ-ME2 데이터시트(PDF) 6 Page - Rohm

부품명 BD15GA5MEFJ-ME2
상세설명  Automotive 0.5A Variable Output LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD15GA5MEFJ-ME2 데이터시트(HTML) 6 Page - Rohm

Back Button BD15GA5MEFJ-ME2 Datasheet HTML 2Page - Rohm BD15GA5MEFJ-ME2 Datasheet HTML 3Page - Rohm BD15GA5MEFJ-ME2 Datasheet HTML 4Page - Rohm BD15GA5MEFJ-ME2 Datasheet HTML 5Page - Rohm BD15GA5MEFJ-ME2 Datasheet HTML 6Page - Rohm BD15GA5MEFJ-ME2 Datasheet HTML 7Page - Rohm BD15GA5MEFJ-ME2 Datasheet HTML 8Page - Rohm BD15GA5MEFJ-ME2 Datasheet HTML 9Page - Rohm BD15GA5MEFJ-ME2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6/21
BDxxGA5MEFJ-M
Datasheet
TSZ02201-0R6R0AN00230-1-2
2012.8.31 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Fig.9
Input sequence 1
Co=1µF, Ta=-40°C
Fig.8
Transient Response
(0.5→0A)
Co=1µF, Ta=105°C
Fig.7
Transient Response
(0.5→0A)
Co=1µF, Ta=25°C
Fig.10
Input sequence 1
Co=1µF, Ta=25°C
VEN
2V/div
VCC
5V/div
VO
5V/div
10usec/div
1msec/div
Fig.4
VEN
2V/div
VCC
5V/div
VO
5V/div
10usec/div
1msec/div
Fig.4
VO
50mV/div
IO
0.5A/div
10usec/div
2msec/div
Fig.4
VO
50mV/div
IO
0.5A/div
10usec/div
2msec/div
Fig.4


유사한 부품 번호 - BD15GA5MEFJ-ME2

제조업체부품명데이터시트상세설명
logo
Rohm
BD15GA5MEFJ-ME2 ROHM-BD15GA5MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

유사한 설명 - BD15GA5MEFJ-ME2

제조업체부품명데이터시트상세설명
logo
Rohm
BDXXHA5MEFJ-M ROHM-BDXXHA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
   Automotive 0.5A Variable Output LDO Regulator
BDXXGA5MEFJ-M ROHM-BDXXGA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXIA5MEFJ-M ROHM-BDXXIA5MEFJ-M Datasheet
949Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HA5MEFJ-LB ROHM-BD00HA5MEFJ-LB Datasheet
892Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00IA5MEFJ-LB ROHM-BD00IA5MEFJ-LB Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00GA5MEFJ-LB ROHM-BD00GA5MEFJ-LB Datasheet
901Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com