전자부품 데이터시트 검색엔진 |
|
KA78M15 데이터시트(PDF) 10 Page - Fairchild Semiconductor |
|
KA78M15 데이터시트(HTML) 10 Page - Fairchild Semiconductor |
10 / 16 page KA78MXX 10 Electrical Characteristics (KA78M24/KA78M24R) (Refer to the test circuits, 0 ≤ TJ ≤ +125°C, IO=350mA, VI=33V, unless otherwise specified, CI = 0.33µF, CO=0.1µF) Notes: *Load and line regulation are specified at constant, junction temperature. Change in Vo due to heating effects must be taken into account separately. Pulse testing with low duty is used. Parameter Symbol Conditions Min. Typ. Max. Unit Output Voltage VO TJ=+25 °C23 24 25 V IO = 5 to 350mA VI= 27 to 38V 22.8 24 25.2 Line Regulation ∆VO IO = 200mA TJ =+25 °C VI= 27 to 38V - - 100 mV VI = 28 to 38V - - 50 Load Regulation ∆VO IO = 5mA to 0.5A, TJ =+25 °C - - 480 mV IO = 5mA to 200mA, TJ =+25 °C - - 240 Quiescent Current IQ TJ=+25 °C- 4.2 6 mA Quiescent Current Change ∆IQ IO = 5mA to 350mA - - 0.5 mA IO = 200mA VI = 27 to 38V -- 0.8 Output Voltage Drift ∆V/∆T IO = 5mA TJ = 0 to +125 °C - − 1.2 - mV/ °C Output Noise Voltage VN f = 10Hz to 100KHz - 170 - µV Ripple Rejection RR f = 120Hz, IO = 300mA VI = 28 to 38V 50 - - dB Dropout Voltage VD TJ =+25 °C, IO = 500mA - 2 - V Short Circuit Current ISC TJ= +25 °C, VI= 35V - 300 - mA Peak Current IPK TJ =+25 °C - 700 - mA |
유사한 부품 번호 - KA78M15 |
|
유사한 설명 - KA78M15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |