전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL2110AR4Z 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL2110AR4Z
상세설명  100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2110AR4Z 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL2110AR4Z Datasheet HTML 5Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 6Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 7Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 8Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 9Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 10Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 11Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 12Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6295.6
March 8, 2012
FIGURE 19. ISL2110 QUIESCENT CURRENT vs VOLTAGE
FIGURE 20. ISL2111 QUIESCENT CURRENT vs VOLTAGE
FIGURE 21. BOOTSTRAP DIODE I-V CHARACTERISTICS
FIGURE 22. VHS VOLTAGE vs VDD VOLTAGE
Typical Performance Curves (Continued)
0
5
10
15
20
0
10
20
30
40
50
60
70
80
90
100
110
120
VDD, VHB (V)
IHB
IDD
0
5
10
15
20
VDD, VHB (V)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
IHB
IDD
0.3
0.4
0.5
0.6
0.7
0.8
1.10-3
0.01
0.10
1.00
FORWARD VOLTAGE (V)
1.10-4
1.10-5
1.10-6
12
13
14
15
16
0
20
40
60
80
100
120
VDD TO VSS VOLTAGE (V)
ISL2110, ISL2111


유사한 부품 번호 - ISL2110AR4Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL2110AR4Z INTERSIL-ISL2110AR4Z Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
logo
Renesas Technology Corp
ISL2110AR4Z RENESAS-ISL2110AR4Z Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
More results

유사한 설명 - ISL2110AR4Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com