전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BDY57 데이터시트(PDF) 2 Page - Comset Semiconductor

부품명 BDY57
상세설명  SILICON TRANSISTORS, DIFFUSED MESA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMSET [Comset Semiconductor]
홈페이지  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDY57 데이터시트(HTML) 2 Page - Comset Semiconductor

  BDY57_12 Datasheet HTML 1Page - Comset Semiconductor BDY57_12 Datasheet HTML 2Page - Comset Semiconductor BDY57_12 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BDY57 – BDY58
09/11/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ Max Unit
VCEO(SUS)
Collector-Emitter
Breakdown Voltage (*)
IC=100 mA, IB=0
BDY57
80
-
-
V
BDY58
125
-
-
V(BR)CBO
Collector-Base
Breakdown Voltage (*)
IC=5.0mA, IE=0
BDY57
120
-
-
V
BDY58
160
-
-
V(BR)EBO
Emitter-Base Breakdown
Voltage (*)
IE=5.0 A, IC=0
BDY57
-
0.5
1.4
V
BDY58
ICBO
Collector-Base Cutoff
Current
VCB=120 V, IE=0 V
BDY57
-
-
1.0
mA
BDY58
-
-
0.5
ICER
Collector-Emitter Cutoff
Current
VCE=80 V, RBE=10
TCASE=100°C
BDY57
-
-
10
mA
BDY58
IEBO
Emitter-Base Cutoff
Current
VEB=10 V, IC=0 V
BDY57
-
0.25
0.5
mA
BDY58
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC=10 A, IB=1.0 A
BDY57
-
0.5
1.4
V
BDY58
h21E
Static Forward Current
transfer ratio (*)
VCE=4 V, IC=10 A
BDY57
20
-
60
V
BDY58
VCE=4 V, IC=20 A
BDY57
-
15
-
BDY58
VCE=4 V, IC=10 A
TCASE=-30°C
BDY57
10
-
-
BDY58
fT
Transition Frequency
VCE=15 V, IC=1.0 A
f=10 MHz
BDY57
10
30
-
MHz
BDY58
td + tr
Turn-on time
IC=15 A, IB=1.5 A
BDY57
-
0.25
1
µs
BDY58
ts + tf
Turn-off time
IC=15 A, IB1=1.5 A
IB2=-1.5 A
BDY57
-
1
2
µs
BDY58
(*) Pulse Width ≈ 300 µs, Duty Cycle
∠ 2.0%


유사한 부품 번호 - BDY57_12

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BDY57 ETC-BDY57 Datasheet
153Kb / 3P
   NPN SILICON TRANSISTORS DIFFUSED MESA
logo
Savantic, Inc.
BDY57 SAVANTIC-BDY57 Datasheet
119Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDY57 COMSET-BDY57 Datasheet
209Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
Seme LAB
BDY57 SEME-LAB-BDY57 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BDY57 ISC-BDY57 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - BDY57_12

제조업체부품명데이터시트상세설명
logo
Comset Semiconductor
BDY53 COMSET-BDY53_12 Datasheet
77Kb / 3P
   SILICON TRANSISTORS, DIFFUSED MESA
logo
List of Unclassifed Man...
BDY26 ETC-BDY26 Datasheet
167Kb / 4P
   NPN SILICON TRANSISTORS DIFFUSED MESA
logo
Comset Semiconductor
180T2 COMSET-180T2_12 Datasheet
79Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY23 COMSET-BDY23 Datasheet
250Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY53 COMSET-BDY53 Datasheet
147Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY26 COMSET-BDY26 Datasheet
264Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY57 COMSET-BDY57 Datasheet
209Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
List of Unclassifed Man...
BDY53 ETC-BDY53 Datasheet
149Kb / 3P
   NPN SILICON TRANSISTORS DIFFUSED MESA
BDY23 ETC-BDY23 Datasheet
168Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
Comset Semiconductor
BDY55 COMSET-BDY55 Datasheet
134Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com