전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM4170IT5TR3 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 KM4170IT5TR3
상세설명  Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4170IT5TR3 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  KM4170IT5TR3 Datasheet HTML 1Page - Fairchild Semiconductor KM4170IT5TR3 Datasheet HTML 2Page - Fairchild Semiconductor KM4170IT5TR3 Datasheet HTML 3Page - Fairchild Semiconductor KM4170IT5TR3 Datasheet HTML 4Page - Fairchild Semiconductor KM4170IT5TR3 Datasheet HTML 5Page - Fairchild Semiconductor KM4170IT5TR3 Datasheet HTML 6Page - Fairchild Semiconductor KM4170IT5TR3 Datasheet HTML 7Page - Fairchild Semiconductor KM4170IT5TR3 Datasheet HTML 8Page - Fairchild Semiconductor KM4170IT5TR3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
KM4170, KM4270, KM4470
DATA SHEET
REV. 5 December 2002
3
Absolute Maximum Ratings
Parameter
Min.
Max.
Unit
Supply Voltages
0+6
V
Maximum Junction Temperature
+175
°C
Storage Temperature Range
-65
+150
°C
Lead Temperature, 10 seconds
+260
°C
Operating Temperature Range, recommended
-40
+85
°C
Input Voltage Range
-Vs -0.5 +Vs +0.5
V
Iout Continuous
-30
+30
mA
Electrical Specifications
(Vs = +2.7V, G = 2, RL = 10kΩ to Vs/2, Rf = 5kΩ; unless otherwise noted)
Parameter
Conditions
Min.
Typ.
Max.
Unit
AC Performance
-3dB Bandwidth1
G = +1, Vo = 0.02Vpp
4.9
MHz
G = +2, Vo = 0.2Vpp
3.7
MHz
Full Power Bandwidth
G = +2, Vo = 2Vpp
1.4
MHz
Gain Bandwidth Product
2.2
MHz
Rise and Fall Time
1V step
163
ns
Overshoot
1V step
<1
%
Slew Rate
1V step
5.3
V/
µs
2nd Harmonic Distortion
1Vpp, 10kHz
-72
dBc
3rd Harmonic Distortion
1Vpp, 10kHz
-72
dBc
THD
1Vpp, 10kHz
0.03
%
Input Voltage Noise
>10kHz
21
nV/
√Hz
DC Performance
Input Offset Voltage2
-6
0.5
+6
mV
Average Drift
5
µV/°C
Input Bias Current2
90
420
nA
Average Drift
32
pA/°C
Power Supply Rejection Ratio2
DC
55
83
dB
Open Loop Gain
RL = 10kΩ
90
dB
Quiescent Current Per Channel2
136
190
µA
Input Characteristics
Input Resistance
12
M
Input Capacitance
2
pF
Input Common Mode Voltage Range
-0.25 to 2.95
V
Common Mode Rejection Ratio2
DC, Vcm = 0V to Vs
55
81
dB
Output Characteristics
Output Voltage Swing2
RL = 10kΩ to Vs/2
0.06 to 2.64 0.02 to 2.68
V
RL = 1kΩ to Vs/2
0.05 to 2.63
V
RL = 200Ω to Vs/2
0.11 to 2.52
V
Output Current
±16
mA
Power Supply Operating Range
2.5
2.7
5.5
V
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Notes:
1. For G = +1, Rf = 0.
2. For RL = 10kΩ, KM4170, KM4270, and KM4470 are 100% tested at 25°C.


유사한 부품 번호 - KM4170IT5TR3

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IC8 FAIRCHILD-KM4100IC8 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IC8TR3 FAIRCHILD-KM4100IC8TR3 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IT5 FAIRCHILD-KM4100IT5 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IT5TR3 FAIRCHILD-KM4100IT5TR3 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
More results

유사한 설명 - KM4170IT5TR3

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC2011 EXAR-CLC2011 Datasheet
2Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
CLC1011 CADEKA-CLC1011 Datasheet
2Mb / 16P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com