전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

V23040-B0102B201 데이터시트(PDF) 6 Page - Tyco Electronics

부품명 V23040-B0102B201
상세설명  For DC operations, polarised, monostable or bistable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

V23040-B0102B201 데이터시트(HTML) 6 Page - Tyco Electronics

  V23040-B0102B201 Datasheet HTML 1Page - Tyco Electronics V23040-B0102B201 Datasheet HTML 2Page - Tyco Electronics V23040-B0102B201 Datasheet HTML 3Page - Tyco Electronics V23040-B0102B201 Datasheet HTML 4Page - Tyco Electronics V23040-B0102B201 Datasheet HTML 5Page - Tyco Electronics V23040-B0102B201 Datasheet HTML 6Page - Tyco Electronics V23040-B0102B201 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image


유사한 부품 번호 - V23040-B0102B201

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
   FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
More results

유사한 설명 - V23040-B0102B201

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
V23040 MACOM-V23040 Datasheet
906Kb / 7P
   For DC Operations, Polarised, Monostable or Bistable
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
   FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
logo
Nais(Matsushita Electri...
SD2D-DC5V NAIS-SD2D-DC5V Datasheet
244Kb / 5P
   POLARISED, MONOSTABLE SAFETY RELAY
logo
DB Lectro Inc
PS3 DBLECTRO-PS3 Datasheet
365Kb / 2P
   Monostable or bistable relays Single and double Coil magnet latching Type available
logo
Nais(Matsushita Electri...
SF2 NAIS-SF2 Datasheet
338Kb / 7P
   POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
logo
First Silicon Co., Ltd
NE555B FS-NE555B Datasheet
710Kb / 5P
   Astable or Monostable Operation
logo
TE Connectivity Ltd
PCB-U TEC-PCB-U Datasheet
407Kb / 3P
   Bistable and DC version
logo
Tyco Electronics
40947 MACOM-40947 Datasheet
204Kb / 3P
   1 pole 10 A, for high inrush currents, mono- or bistable
logo
ETA-USA
AOPS-300 ETA-USA-AOPS-300 Datasheet
2Mb / 5P
   300W Power Supply Parallel or Series Operations available
logo
STMicroelectronics
AN1602 STMICROELECTRONICS-AN1602 Datasheet
234Kb / 21P
   16-BIT TIMING OPERATIONS USING ST7262 OR ST7263B MCUs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com