전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5-1462037-4 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 5-1462037-4
상세설명  IM-Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1462037-4 데이터시트(HTML) 1 Page - Tyco Electronics

  5-1462037-4 Datasheet HTML 1Page - Tyco Electronics 5-1462037-4 Datasheet HTML 2Page - Tyco Electronics 5-1462037-4 Datasheet HTML 3Page - Tyco Electronics 5-1462037-4 Datasheet HTML 4Page - Tyco Electronics 5-1462037-4 Datasheet HTML 5Page - Tyco Electronics 5-1462037-4 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
±
±
±
±
±
±
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
ANGLES
WEIGHT
APPLICATION SPEC
PRODUCT SPEC
OF
MATERIAL
FINISH
DWN
CHK
APVD
NAME
SIZE
CAGE CODE DRAWING NO
SCALE
SHEET
REV
LOC
DIST
REVISIONS
P
LTR
DATE
DWN
APVD
DESCRIPTION
TE 10MAR2011 ProE
A4
RESTRICTED TO
SHOULD BE CONTACTED FOR THE LATEST REVISION.
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
DRAWING ALIAS
TE Connectivity
Relay-Typ
Mark 1)
Mark 2)
PN (GR)
PN (JR)
PN (TS)
PN (KS/NS)
IM00..
00
1.5
3-1462037-7
3-1462037-9
3-1462037-5
IM00NS
00N
1.5
1-1462038-0
IM01..
01
3
1462037-1
4-1462037-0
1462037-4
IM01..L
01
3
*4-1462039-4
IM01B..
01B
3
4-1462039-5
IM01C..
01C
3
1462038-4
9-1462038-6
IM01NS
01N
3
1-1462038-1
IM01N..L
01N
3
4-1462039-3
IM02..
02
4.5
1462037-9
1-1462037-1
1-1462037-3
6-1462039-4
IM02..L
02
4.5
2-1462039-3
IM02C..
02C
4.5
1462038-1
IM02D..
02D
4.5
9-1462038-8
IM02H..
02H
4.5
1-1462039-1
IM02NS
02N
4.5
1-1462038-2
IM02NS..L
02N
4.5
2-1462039-4
IM02P..
02P
4.5
5-1462039-4
year
lot no
*obsolete
7-1462039-1 (2nd PN)
Mark 1)
Mark 2)
H swiss made
C china Made
date code
HJ
-
IM0C-DOK17
21FEB2003
HD 9121
-
-
mm
21FEB2003
HD 9121
21FEB2003
DIN 7168-m
HD 9121
-
-
-
IM-Relay
-
-
Marking
-
-
-
00779
1462037-1
-
-
CUSTOMER DRAWING
10:1
1
6
B12
B9
New IM48GR
28APR2010
UKo
JB
B10
New IM61GR, IM42PNS
20JUN2010
UKo
JB
B11
New IM41X, IMF61, IMB41C, IMB42C
20JUL2010
UKo
JB
B12
New IM46CGR, IMF68HR
19OCT2011
UKo
JB


유사한 부품 번호 - 5-1462037-4

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-1462037-4 MACOM-5-1462037-4 Datasheet
2Mb / 6P
   IM Relay
More results

유사한 설명 - 5-1462037-4

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-1462037-7 MACOM-5-1462037-7 Datasheet
2Mb / 6P
   IM Relay
logo
TE Connectivity Ltd
ENG_CD_1462037-1_C2 TEC-ENG_CD_1462037-1_C2 Datasheet
432Kb / 6P
   IM-Relay Marking
logo
Tyco Electronics
1486937 MACOM-1486937 Datasheet
23Kb / 1P
   IM Relay SMT Gull Wings Dimension
logo
PIC GmbH
MS-328-5 PIC-MS-328-5_14 Datasheet
233Kb / 2P
   Netzspannungs-Reedsensor im
MS-332-6 PIC-MS-332-6_14 Datasheet
344Kb / 2P
   Leistungs-Reedsensor im
MS-332-5 PIC-MS-332-5_14 Datasheet
343Kb / 2P
   Netzspannungs-Reedsensor im
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
   Im-Series Adapters
logo
PIC GmbH
MS-313-3 PIC-MS-313-3 Datasheet
158Kb / 2P
   Weltkleinster Reedsensor im
MS-328-3 PIC-MS-328-3_14 Datasheet
233Kb / 2P
   Standard-Reedsensor im
MS-328-6 PIC-MS-328-6_14 Datasheet
233Kb / 2P
   Leistungs-Reedsensor im
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com