전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIP31 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 TIP31
상세설명  NPN Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP31 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  TIP31 Datasheet HTML 1Page - Fairchild Semiconductor TIP31 Datasheet HTML 2Page - Fairchild Semiconductor TIP31 Datasheet HTML 3Page - Fairchild Semiconductor TIP31 Datasheet HTML 4Page - Fairchild Semiconductor TIP31 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP31/TIP31A/TIP31B/TIP31C Rev. A
1
July 2008
TIP31/TIP31A/TIP31B/TIP31C
NPN Epitaxial Silicon Transistor
Features
• Complementary to TIP32/TIP32A/TIP32B/TIP32C
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: TIP31
: TIP31A
: TIP31B
: TIP31C
40
60
80
100
V
V
V
V
VCEO
Collector-Emitter Voltage : TIP31
: TIP31A
: TIP31B
: TIP31C
40
60
80
100
V
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
3
A
ICP
Collector Current (Pulse)
5
A
IB
Base Current
1
A
PC
Collector Dissipation (TC=25°C)
40
W
Collector Dissipation (Ta=25°C)
2
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
1. Base 2. Collector 3. Emitter


유사한 부품 번호 - TIP31

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
TIP31 MOSPEC-TIP31 Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
Micro Commercial Compon...
TIP31 MCC-TIP31 Datasheet
262Kb / 2P
   Silicon NPN Power Transistors
logo
Jiangsu Changjiang Elec...
TIP31 JIANGSU-TIP31 Datasheet
2Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Power Innovations Ltd
TIP31 POINN-TIP31 Datasheet
86Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIP31 ISC-TIP31 Datasheet
162Kb / 4P
   Silicon NPN Power Transistors
More results

유사한 설명 - TIP31

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com