전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU10UA3WNVX-TL 데이터시트(PDF) 1 Page - Rohm

부품명 BU10UA3WNVX-TL
상세설명  Versatile Package FULL CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU10UA3WNVX-TL 데이터시트(HTML) 1 Page - Rohm

  BU10UA3WNVX-TL Datasheet HTML 1Page - Rohm BU10UA3WNVX-TL Datasheet HTML 2Page - Rohm BU10UA3WNVX-TL Datasheet HTML 3Page - Rohm BU10UA3WNVX-TL Datasheet HTML 4Page - Rohm BU10UA3WNVX-TL Datasheet HTML 5Page - Rohm BU10UA3WNVX-TL Datasheet HTML 6Page - Rohm BU10UA3WNVX-TL Datasheet HTML 7Page - Rohm BU10UA3WNVX-TL Datasheet HTML 8Page - Rohm BU10UA3WNVX-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300040-1-2
TSZ22111・14・001
1/11
21.MAR.2013.Rev.003
Datasheet
CMOS LDO Regulator Series for Portable Equipments
Versatile Package
FULL CMOS LDO Regulator
BUxxUA3WNVX series
●General Description
BUxxUA3WNVX
series
is
high-performance
FULL
CMOS regulator with 300-mA output, which is mounted
on versatile package SSON004X1010 (1.00mm
× 1.00
mm
× 0.60mm). It has excellent noise characteristics and
load responsiveness characteristics despite its low circuit
current consumption of 50
μA. It is most appropriate for
various applications such as power supplies for logic IC,
RF, and camera modules.ROHM’s.
●Features
High accuracy detection
low current consumption
Compatible with small ceramic capacitor (Cin=Co=1.0uF)
With built-in output discharge circuit
High ripple rejection
ON/OFF control of output voltage
With built-in over current protection circuit
and thermal shutdown circuit
Low dropout voltage
●Typical Application Circuit
●Key Specifications
Output voltage:
1.0V to 3.7V
Accuracy output voltage:
±1.0% (±25mV)
Low current consumption:
50
μA
Operating temperature range:
-40°C to +85°C
●Applications
Battery-powered portable equipment, etc.
●Package
SSON004X1010 :
1.00mm x 1.00mm x 0.60mm
Fig.1 Application Circuit
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
STBY
VIN
GND
STBY
GND
GND
VOUT
VOUT
VIN


유사한 부품 번호 - BU10UA3WNVX-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BU10UB3WG-GTL ROHM-BU10UB3WG-GTL Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UC3WG-TL ROHM-BU10UC3WG-TL Datasheet
1Mb / 26P
   High accuracy detection
BU10UC3WG-TR ROHM-BU10UC3WG-TR Datasheet
1Mb / 26P
   High accuracy detection
More results

유사한 설명 - BU10UA3WNVX-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com