전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU33SA4WGWL-E2 데이터시트(PDF) 11 Page - Rohm

부품명 BU33SA4WGWL-E2
상세설명  1ch 200mA CMOS LDO Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU33SA4WGWL-E2 데이터시트(HTML) 11 Page - Rohm

Back Button BU33SA4WGWL-E2 Datasheet HTML 7Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 8Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 9Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 10Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 11Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 12Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 13Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 14Page - Rohm BU33SA4WGWL-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Datasheet
Datasheet
11/34
TSZ02201-0RBR0A300100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2013.04.04 Rev.001
www.rohm.com
TSZ22111・15・001
BUxxSA4 series
●Reference data BU28SA4WGWL (Unless otherwise specified, Ta=25℃.)
Figure 26. Output Voltage vs. Input Voltage
Figure 27. Line Regulation
Figure 28. GND Current vs. Input Voltage
Figure 29. Load Regulation
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
00.5
11.52
2.53
3.544.5
55.5
Input Voltage (V)
Temp=25°C
IO=0uA
IO=50mA
IO=200mA
VIN=STBY
2.70
2.73
2.75
2.78
2.80
2.83
2.85
2.88
2.90
00.511.52 2.5 33.544.55 5.5
Input Voltage (V)
Temp=25°C
IO=0uA
IO=50mA
IO=200mA
VIN=STBY
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
IO=0uA
VIN=STBY
Temp=-40°C
Temp=25°C
Temp=85°C
2.70
2.74
2.78
2.82
2.86
2.90
0
50
100
150
200
Output Current (mA)
VIN=3.8V
STBY=1.5V
Temp=-40°C
Temp=25°C
Temp=85°C


유사한 부품 번호 - BU33SA4WGWL-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU33SD2MG-MTR ROHM-BU33SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU33SD5 ROHM-BU33SD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU33SD5WG ROHM-BU33SD5WG Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU33SD5WG-TL ROHM-BU33SD5WG-TL Datasheet
944Kb / 21P
   CMOS LDO Regulators
BU33SD5WG-TL ROHM-BU33SD5WG-TL Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
More results

유사한 설명 - BU33SA4WGWL-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com