전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU46L234G-TL 데이터시트(PDF) 10 Page - Rohm

부품명 BU46L234G-TL
상세설명  Counter Timer Built-in CMOS Voltage Detector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU46L234G-TL 데이터시트(HTML) 10 Page - Rohm

Back Button BU46L234G-TL Datasheet HTML 6Page - Rohm BU46L234G-TL Datasheet HTML 7Page - Rohm BU46L234G-TL Datasheet HTML 8Page - Rohm BU46L234G-TL Datasheet HTML 9Page - Rohm BU46L234G-TL Datasheet HTML 10Page - Rohm BU46L234G-TL Datasheet HTML 11Page - Rohm BU46L234G-TL Datasheet HTML 12Page - Rohm BU46L234G-TL Datasheet HTML 13Page - Rohm BU46L234G-TL Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R7R0G300130-1-2
TSZ22111
15
001
10/14
17.May.2013 Rev.003
BU45Kxxxx, BU46Kxxxx, BU45Lxxxx, BU46Lxxxx series
Datasheet
Circuit Applications
1. Examples of a common power supply detection reset circuit.
Application examples of BU45xxxxx series (Open Drain
output type) and BU46xxxxx series (CMOS output type)
are shown below.
CASE1: Power supply of microcontroller (VDD2) differs
from the power supply of the reset detection (VDD1).
Use an open drain output Type (BU45xxxxx series)
device with a load resistance RL as shown Fig.16.
CASE2: Power supply of the microcontroller (VDD1) is
same as the power supply of the reset detection (VDD1).
Use a CMOS output type (BU46xxxxx) device or an open
drain output type (BU45xxxxx)
with pull up resistor
between the output and VDD1. (As shown Fig.17)
When a capacitance CL for noise filtering is connected to
the VOUT pin (the reset signal input terminal of the
microcontroller), please take into account the waveform of
the rise and fall of the output voltage (VOUT).
2. The following is an example of a circuit application in which an OR connection between two types of detection voltage
resets the microcontroller.
Fig. 18
To reset the microcontroller when many independent power supplies are used in the system, OR connect an open drain
output type (BU45xxxxx series) to the microcontroller’s input with pull-up resistor to the supply voltage of the
microcontroller (VDD3) as shown in Fig. 18. By pulling-up to VDD3, output “High” voltage of micro-controller power supply is
possible.
Fig.16 Open Drain Output Type
Fig.17 CMOS Output Type
VDD1
VDD2
GND
BU45xxxxx
CL
Noise-filtering
Capacitor
RL
RST
Micro
controller
CL
Noise-filtering
Capacitor
VDD1
GND
BU46xxxxx
RST
Micro
controller
VDD2
VDD1
VDD3
GND
RST
Micro
controller
RL
BU45xxxxx
BU45xxxxx


유사한 부품 번호 - BU46L234G-TL

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
BU4-005 FRONTIER-BU4-005 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU4-01 FRONTIER-BU4-01 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU4-02 FRONTIER-BU4-02 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU4-04 FRONTIER-BU4-04 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU4-06 FRONTIER-BU4-06 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

유사한 설명 - BU46L234G-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45XXG ROHM-BD45XXG_09 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com