전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSD1691 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 KSD1691
상세설명  Feature
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD1691 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  KSD1691 Datasheet HTML 1Page - Fairchild Semiconductor KSD1691 Datasheet HTML 2Page - Fairchild Semiconductor KSD1691 Datasheet HTML 3Page - Fairchild Semiconductor KSD1691 Datasheet HTML 4Page - Fairchild Semiconductor KSD1691 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Figure 4. Forward Bias Safe Operating Area
Figure 5. Reverse Bias Safe Operating Area
Figure 6. Derating Curve of Safe Operating Areas
0.4
0.8
1.2
1.6
2.0
0
2
4
6
8
10
IB = 80mA
IB = 4
0mA
IB = 20mA
IB = 10
0mA
IB = 60mA
IB = 30
mA
IB = 10mA
IB = 0
VCE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
1
10
100
1000
VCE = 1V
VCE = 2V
IC[A], COLLECTOR CURRENT
0.1
1
10
0.01
0.1
1
10
Ic = 10 IB
VBE(sat)
IC[A], COLLECTOR CURRENT
1
10
100
0.1
1
10
Ic(Pulse)MAX
2m
S
Ic(DC)MAX
VCE[V], COLLECTOR-EMITTER VOLTAGE
20
40
60
80
100
0
2
4
6
8
10
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
140
160
DI
SS
IP
AT
IO
N
LI
M
IT
ED
s/b LI
MIT
ED
TC[
o
C], CASE TEMPERATURE


유사한 부품 번호 - KSD1691

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KSD1691 FAIRCHILD-KSD1691 Datasheet
52Kb / 5P
   Low Collector-Emtter Saturation Voltage & Large Collector Current
KSD1691 FAIRCHILD-KSD1691 Datasheet
52Kb / 5P
   Low Collector-Emtter Saturation Voltage & Large Collector Current
logo
Inchange Semiconductor ...
KSD1691 ISC-KSD1691 Datasheet
139Kb / 2P
   isc Silicon NPN Power Transistor
logo
Jiangsu Changjiang Elec...
KSD1691 JIANGSU-KSD1691 Datasheet
961Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
logo
Nanjing International G...
KSD1691 DGNJDZ-KSD1691 Datasheet
1Mb / 3P
   TO-126 Plastic-Encapsulate Transistors
More results

유사한 설명 - KSD1691

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KSC5047 FAIRCHILD-KSC5047 Datasheet
41Kb / 4P
   Feature
KSE5020 FAIRCHILD-KSE5020 Datasheet
44Kb / 4P
   Feature
KSE210 FAIRCHILD-KSE210 Datasheet
42Kb / 4P
   Feature
KSD1692 FAIRCHILD-KSD1692 Datasheet
50Kb / 4P
   Feature
KSE200 FAIRCHILD-KSE200 Datasheet
42Kb / 4P
   Feature
MJE210 FAIRCHILD-MJE210 Datasheet
41Kb / 4P
   Feature
logo
Everlight Electronics C...
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
   Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
   Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
   Long life feature.
EALP03RDARA6 EVERLIGHT-EALP03RDARA6 Datasheet
189Kb / 9P
   Long life feature.
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com