전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3222ARU-REEL7 데이터시트(PDF) 2 Page - Analog Devices

부품명 ADM3222ARU-REEL7
상세설명  Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3222ARU-REEL7 데이터시트(HTML) 2 Page - Analog Devices

  ADM3222ARU-REEL7 Datasheet HTML 1Page - Analog Devices ADM3222ARU-REEL7 Datasheet HTML 2Page - Analog Devices ADM3222ARU-REEL7 Datasheet HTML 3Page - Analog Devices ADM3222ARU-REEL7 Datasheet HTML 4Page - Analog Devices ADM3222ARU-REEL7 Datasheet HTML 5Page - Analog Devices ADM3222ARU-REEL7 Datasheet HTML 6Page - Analog Devices ADM3222ARU-REEL7 Datasheet HTML 7Page - Analog Devices ADM3222ARU-REEL7 Datasheet HTML 8Page - Analog Devices ADM3222ARU-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADM3202/ADM3222/ADM1385
Rev. E | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
ESD Caution.................................................................................. 4
 
Pin Configurations and Function Descriptions ........................... 5
 
Pin Configurations (N, RN, RU, and RW Packages)................5
 
Pin Configurations (RS and RU Packages)................................5
 
Typical Performance Characteristics ..............................................6
 
General Description..........................................................................8
 
Circuit Description .......................................................................8
 
High Baud Rate..............................................................................9
 
Outline Dimensions ....................................................................... 10
 
Ordering Guide .......................................................................... 14
 
REVISION HISTORY
7/11—Rev. D to Rev. E
Changes to Figure 3.......................................................................... 1
Changes to Table 2............................................................................ 4
Changes to Figure 17........................................................................ 8
Updated Outline Dimensions ....................................................... 10
Changes to Ordering Guide .......................................................... 14
8/06—Rev. C to Rev. D
Changes to Table 1............................................................................ 3
Updated Outline Dimensions ....................................................... 10
Changes to Ordering Guide .......................................................... 12
9/05—Rev. B to Rev. C
Updated Outline Dimensions ....................................................... 10
Changes to Ordering Guide .......................................................... 12
12/01—Rev. A to Rev. B
Changes to Specifications Page....................................................... 2


유사한 부품 번호 - ADM3222ARU-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3222ARU-REEL7 AD-ADM3222ARU-REEL7 Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
More results

유사한 설명 - ADM3222ARU-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3202ARN-REEL AD-ADM3202ARN-REEL Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARUZ-REEL7 AD-ADM3202ARUZ-REEL7 Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202 Datasheet
153Kb / 8P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
REV. A
ADM3222ARSZ AD-ADM3222ARSZ Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202_V01 Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com