전자부품 데이터시트 검색엔진 |
|
AD5662ARM-1 데이터시트(PDF) 9 Page - Analog Devices |
|
AD5662ARM-1 데이터시트(HTML) 9 Page - Analog Devices |
9 / 24 page AD5662 Rev. A | Page 9 of 24 TEMPERATURE ( °C) 0 –0.04 –0.22 –0.06 –0.08 –0.01 –0.18 –0.16 –0.14 –0.12 –0.20 –40 –20 40 20 0 100 80 60 120 VDD = 5V GAIN ERROR FULL-SCALE ERROR Figure 10. Gain Error and Full-Scale Error vs. Temperature TEMPERATURE ( °C) 1.5 1.0 0.5 0 –2.0 –1.5 –1.0 –0.5 –2.5 –40 –20 40 20 0 100 80 60 120 OFFSET ERROR ZERO-SCALE ERROR Figure 11. Zero-Scale and Offset Error vs. Temperature VDD (V) 1.0 –1.5 –1.0 –0.5 0 0.5 –2.0 2.7 3.2 3.7 4.7 4.2 5.2 GAIN ERROR FULL-SCALE ERROR Figure 12. Gain Error and Full-Scale Error vs. Supply VDD (V) 1.0 0.5 0 –2.0 –1.5 –1.0 –0.5 –2.5 2.7 3.2 4.2 3.7 5.2 4.7 ZERO-SCALE ERROR OFFSET ERROR TA = 25°C Figure 13. Zero-Scale and Offset Error vs. Supply IDD (μA) 20 14 16 18 12 10 2 4 6 8 0 VDD = VREF = 5.5V TA = 25°C Figure 14. IDD Histogram with VDD = 5.5 V I (mA) 0.20 –0.25 –0.20 –0.15 –0.10 –0.05 0 0.05 0.10 0.15 –5 –4 –3 –2 –1 0 1 2 4 35 VDD = VREF = 5V, 3V TA = 25°C DAC LOADED WITH ZERO SCALE – SINKING CURRENT DAC LOADED WITH FULL SCALE – SOURCING CURRENT Figure 15. Headroom at Rails vs. Source and Sink Current |
유사한 부품 번호 - AD5662ARM-1 |
|
유사한 설명 - AD5662ARM-1 |