전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8306AR 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD8306AR
상세설명  Limiting-Logarithmic Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8306AR 데이터시트(HTML) 1 Page - Analog Devices

  AD8306AR Datasheet HTML 1Page - Analog Devices AD8306AR Datasheet HTML 2Page - Analog Devices AD8306AR Datasheet HTML 3Page - Analog Devices AD8306AR Datasheet HTML 4Page - Analog Devices AD8306AR Datasheet HTML 5Page - Analog Devices AD8306AR Datasheet HTML 6Page - Analog Devices AD8306AR Datasheet HTML 7Page - Analog Devices AD8306AR Datasheet HTML 8Page - Analog Devices AD8306AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8306
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
5 MHz–400 MHz 100 dB High Precision
Limiting-Logarithmic Amplifier
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Complete, Fully Calibrated Log-Limiting IF Amplifier
100 dB Dynamic Range: –91 dBV to +9 dBV
Stable RSSI Scaling Over Temperature and Supplies:
20 mV/dB Slope, –95 dBm Intercept
0.4 dB RSSI Linearity up to 200 MHz
Programmable Limiter Gain and Output Current
Differential Outputs to 10 mA, 2.4 V p-p
Overall Gain 90 dB, Bandwidth 400 MHz
Constant Phase (Typical
56 ps Delay Skew)
Single Supply of +2.7 V to +6.5 V at 16 mA Typical
Fully Differential Inputs, RIN = 1 k , CIN = 2.5 pF
500 ns Power-Up Time, <1
A Sleep Current
APPLICATIONS
Receivers for Frequency and Phase Modulation
Very Wide Range IF and RF Power Measurement
Receiver Signal Strength Indication (RSSI)
Low Cost Radar and Sonar Signal Processing
Instrumentation: Network and Spectrum Analyzers
PRODUCT DESCRIPTION
The AD8306 is a complete IF limiting amplifier, providing both
an accurate logarithmic (decibel) measure of the input signal
(the RSSI function) over a dynamic range of 100 dB, and a
programmable limiter output, useful from 5 MHz to 400 MHz.
It is easy to use, requiring few external components. A single
supply voltage of +2.7 V to +6.5 V at 16 mA is needed, corre-
sponding to a power consumption of under 50 mW at 3 V, plus
the limiter bias current, determined by the application and typi-
cally 2 mA, providing a limiter gain of 90 dB when using 200
loads. A CMOS-compatible control interface can enable the
AD8306 within about 500 ns and disable it to a standby current
of under 1
µA.
The six cascaded amplifier/limiter cells in the main path have a
small signal gain of 12.04 dB (
×4), with a –3 dB bandwidth of
850 MHz, providing a total gain of 72 dB. The programmable
output stage provides a further 18 dB of gain. The input is fully
differential and presents a moderately high impedance (1 k
Ω in
parallel with 2.5 pF). The input-referred noise-spectral-density,
when driven from a terminated 50
Ω, source is 1.28 nV/√Hz,
equivalent to a noise figure of 3 dB. The sensitivity of the
AD8306 can be raised by using an input matching network.
Each of the main gain cells includes a full-wave detector. An
additional four detectors, driven by a broadband attenuator, are
used to extend the top end of the dynamic range by over 48 dB.
The overall dynamic range for this combination extends from
–91 dBV (–78 dBm at the 50
Ω level) to a maximum permissible
value of +9 dBV, using a balanced drive of antiphase inputs each of
2 V in amplitude, which would correspond to a sine wave power
of +22 dBm if the differential input were terminated in 50
Ω.
Through laser trimming, the slope of the RSSI output is closely
controlled to 20 mV/dB, while the intercept is set to –108 dBV
(–95 dBm re 50
Ω). These scaling parameters are determined
by a band-gap voltage reference and are substantially indepen-
dent of temperature and supply. The logarithmic law conform-
ance is typically within
±0.4 dB over the central 80 dB of this
range at any frequency between 10 MHz and 200 MHz, and is
degraded only slightly at 400 MHz.
The RSSI response time is nominally 73 ns (10%–90%). The
averaging time may be increased without limit by the addition of
an external capacitor. The full output of 2.34 V at the maximum
input of +9 dBV can drive any resistive load down to 50
Ω and
this interface remains stable with any value of capacitance on
the output.
The AD8306 is fabricated on an advanced complementary
bipolar process using silicon-on-insulator isolation techniques
and is available in the industrial temperature range of –40
°C to
+85
°C, in a 16-lead narrow body SO package. The AD8306 is
also available for the full military temperature range of –55
°C to
+125
°C, in a 16-lead side-brazed ceramic DIP.
12dB
LIM
DET
12dB
DET
DET
4
DET
LADR ATTEN
INHI
INLO
I–V
BIAS
CTRL
TEN DETECTORS SPACED 12dB
INTERCEPT
TEMP COMP
BAND-GAP
REFERENCE
ENBL
GAIN
BIAS
LMHI
LMLO
LMDR
VLOG
FLTR
SIX STAGES TOTAL GAIN 72dB
TYP GAIN 18dB
SLOPE
BIAS
12dB


유사한 부품 번호 - AD8306AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8306AR AD-AD8306AR Datasheet
397Kb / 16P
   5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL AD-AD8306AR-REEL Datasheet
397Kb / 16P
   5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL7 AD-AD8306AR-REEL7 Datasheet
397Kb / 16P
   5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
More results

유사한 설명 - AD8306AR

제조업체부품명데이터시트상세설명
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
List of Unclassifed Man...
PS13201 ETC2-PS13201 Datasheet
1Mb / 22P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com