전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8345AREZ-RL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8345AREZ-RL7
상세설명  140 MHz to 1000 MHz Quadrature Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8345AREZ-RL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8345AREZ-RL7 Datasheet HTML 4Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 5Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 6Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 7Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 8Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 9Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 10Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 11Page - Analog Devices AD8345AREZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8345
Rev. B | Page 8 of 20
–45
80
–55
–65
–70
–75
–80
60
40
20
0
–20
–40
–50
–60
TEMPERATURE (
°C)
VS = 5V, DIFFERENTIAL INPUT = 1.2V p-p
VS = 2.7V, DIFFERENTIAL INPUT = 200mV p-p
Figure 15. Third Order Distortion vs. Temperature
(FLO = 800 MHz, LO Level = −2 dBm, FBB = 1 MHz,
I and Q Inputs Driven in Quadrature)
BASEBAND DIFFERENTIAL INPUT VOLTAGE (V p-p)
–10
SSB POUT
3.0
2.5
2.0
1.5
1.0
0.5
0.0
THIRD ORDER DISTORTION
–15
–20
–25
–30
–35
–40
–45
–50
–55
–70
–60
–6
–2
–4
–8
–10
–12
–14
–16
–18
–20
–26
–65
–22
–24
Figure 16. Third Order Distortion and SSB POUT vs. Baseband Differential Input
Voltage (TA = 25°C, FLO = 800 MHz, LO Level = −2 dBm, FBB = 1 MHz, VS = 2.7 V)
–5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
–10
–15
–25
–30
–35
–40
–45
–50
–55
–65
–60
–6
–2
–4
–8
–10
–12
–14
–16
–18
–20
–22
–20
–70
0
2
4
BASEBAND DIFFERENTIAL INPUT VOLTAGE (V p-p)
SSB POUT
THIRD ORDER DISTORTION
Figure 17. Third Order Distortion and SSB POUT vs. Baseband Differential Input
Voltage (TA = 25°C, FLO = 800 MHz, LO Level = −2 dBm, FBB = 1 MHz, VS = 5 V)
–40
0
40
–20
20
406080
45
50
55
60
65
70
75
80
TEMPERATURE (
°C)
VS = 5V, DIFFERENTIAL INPUT = 1.2V p-p
VS = 2.7V, DIFFERENTIAL INPUT = 200mV p-p
Figure 18. Power Supply Current vs. Temperature
WITH 50
Ω
WITH 100
Ω
LOIN NO BALUN
OR TERMINATION
SMITH CHART
NORMALIZED
TO 50
Ω
1GHz
1GHz
250MHz
Figure 19. Smith Chart of LOIN Port S11 (LOIP Pin AC-Coupled to Ground);
Curves with Balun and External Termination Resistors Also Shown
(VS = 5 V, TA = 25°C)
FREQUENCY (MHz)
0
250
–10
–30
–5
–15
–20
–25
300 350 400 450 500 550 600 650 700 750 800 850 900 950 1000
VS = 2.7V
VS = 5V
Figure 20. Return Loss (S22) of VOUT Output (TA = 25°C)


유사한 부품 번호 - AD8345AREZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8345ARE AD-AD8345ARE Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
AD8345ARE-REEL AD-AD8345ARE-REEL Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
AD8345ARE-REEL7 AD-AD8345ARE-REEL7 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
More results

유사한 설명 - AD8345AREZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
List of Unclassifed Man...
STQ-1016 ETC-STQ-1016 Datasheet
146Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
   30 MHz to 2200 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com