전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5662BRJZ-2REEL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD5662BRJZ-2REEL7
상세설명  16-Bit nanoDAC in a SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5662BRJZ-2REEL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD5662BRJZ-2REEL7 Datasheet HTML 6Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 7Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 8Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 9Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 10Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 11Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 12Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 13Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5662
Rev. A | Page 10 of 24
CODE
250
50
100
150
200
0
512
10512
30512
20512
50512
60512
40512
TA = 25°C
VDD = VREF = 5V
VDD = VREF = 3V
Figure 16. Supply Current vs. Code
TEMPERATURE (
°C)
160
140
120
100
20
40
60
80
0
–40
–20
40
20
0
100
80
60
120
VDD = 3V
VDD =5V
Figure 17. Supply Current vs. Temperature
VDD (V)
160
120
140
100
20
40
60
80
0
2.7
3.2
4.2
3.7
5.2
4.7
TA = 25°C
Figure 18. Supply Current vs. Supply Voltage
VLOGIC (V)
1000
200
400
600
800
0
300
500
700
900
100
01
2
4
3
5
TA = 25°C
VDD = 5V
VDD = 3V
Figure 19. Supply Current vs. Logic Input Voltage
TIME BASE = 4
μs/DIV
VDD = VREF = 3V
TA = 25°C
FULL-SCALE CODE CHANGE
0x0000 TO 0xFFFF
OUTPUT LOADED WITH 2k
Ω
AND 200pF TO GND
VOUT = 455mV/DIV
Figure 20. Full-Scale Settling Time, 3 V
TIME BASE = 4
μs/DIV
VDD = VREF = 5V
TA = 25°C
FULL-SCALE CODE CHANGE
0x0000 TO 0xFFFF
OUTPUT LOADED WITH 2k
Ω
AND 200pF TO GND
VOUT = 909mV/DIV
1
Figure 21. Full-Scale Settling Time, 5 V


유사한 부품 번호 - AD5662BRJZ-2REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5662BRJ-1 AD-AD5662BRJ-1 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662BRJ-2 AD-AD5662BRJ-2 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results

유사한 설명 - AD5662BRJZ-2REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5680 AD-AD5680 Datasheet
466Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. B
AD5062 AD-AD5062 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5060 AD-AD5060 Datasheet
829Kb / 17P
   Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com