전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8572AR-REEL 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8572AR-REEL
상세설명  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8572AR-REEL 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8572AR-REEL Datasheet HTML 4Page - Analog Devices AD8572AR-REEL Datasheet HTML 5Page - Analog Devices AD8572AR-REEL Datasheet HTML 6Page - Analog Devices AD8572AR-REEL Datasheet HTML 7Page - Analog Devices AD8572AR-REEL Datasheet HTML 8Page - Analog Devices AD8572AR-REEL Datasheet HTML 9Page - Analog Devices AD8572AR-REEL Datasheet HTML 10Page - Analog Devices AD8572AR-REEL Datasheet HTML 11Page - Analog Devices AD8572AR-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8571/AD8572/AD8574
Rev. E | Page 8 of 24
60
40
50
10
20
30
–10
0
–40
–30
–20
100
10k
1k
1M
100k
10M
FREQUENCY (Hz)
VS = 2.7V
CL = 20pF
RL = 2kΩ
AV = 100
AV = 10
AV = 1
Figure 19. Closed-Loop Gain vs. Frequency
60
40
50
10
20
30
–10
0
–40
–30
–20
100
10k
1k
1M
100k
10M
FREQUENCY (Hz)
VS = 5V
CL = 20pF
RL = 2kΩ
AV = 100
AV = 10
AV = 1
Figure 20. Closed-Loop Gain vs. Frequency
300
240
270
150
180
210
90
120
0
30
60
100
10k
1k
10M
FREQUENCY (Hz)
AV = 1
AV = 100
AV = 10
VS = 2.7V
1M
100k
Figure 21. Output Impedance vs. Frequency
300
240
270
150
180
210
90
120
0
30
60
100
10k
1k
10M
FREQUENCY (Hz)
AV = 1
AV = 100
AV = 10
VS = 5V
1M
100k
Figure 22. Output Impedance vs. Frequency
VS = 2.7V
CL = 300pF
RL = 2kΩ
AV = 1
2µs
500mV
Figure 23. Large Signal Transient Response
VS = 5V
CL = 300pF
RL = 2kΩ
AV = 1
5µs
1V
Figure 24. Large Signal Transient Response


유사한 부품 번호 - AD8572AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8572AR-REEL AD-AD8572AR-REEL Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8572AR-REEL AD-AD8572AR-REEL Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8572AR-REEL7 AD-AD8572AR-REEL7 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8572AR-REEL7 AD-AD8572AR-REEL7 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

유사한 설명 - AD8572AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551 Datasheet
262Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
AD8571 AD-AD8571 Datasheet
247Kb / 19P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com