전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8574AR-REEL 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD8574AR-REEL
상세설명  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8574AR-REEL 데이터시트(HTML) 1 Page - Analog Devices

  AD8574AR-REEL Datasheet HTML 1Page - Analog Devices AD8574AR-REEL Datasheet HTML 2Page - Analog Devices AD8574AR-REEL Datasheet HTML 3Page - Analog Devices AD8574AR-REEL Datasheet HTML 4Page - Analog Devices AD8574AR-REEL Datasheet HTML 5Page - Analog Devices AD8574AR-REEL Datasheet HTML 6Page - Analog Devices AD8574AR-REEL Datasheet HTML 7Page - Analog Devices AD8574AR-REEL Datasheet HTML 8Page - Analog Devices AD8574AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Zero-Drift, Single-Supply, Rail-to-Rail
Input/Output Operational Amplifiers
AD8571/AD8572/AD8574
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1999–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 1 μV
Input offset drift: 0.005 μV/°C
Rail-to-rail input and output swing
5 V/2.7 V single-supply operation
High gain: 145 dB typical
CMRR: 140 dB typical
PSRR: 130 dB typical
Ultralow input bias current: 10 pA typical
Low supply current: 750 μA per op amp
Overload recovery time: 50 μs
No external capacitors required
APPLICATIONS
Temperature sensors
Pressure sensors
Precision current sensing
Strain gage amplifiers
Medical instrumentation
Thermocouple amplifiers
GENERAL DESCRIPTION
This family of amplifiers has ultralow offset, drift, and bias
current. The AD8571, AD8572, and AD8574 are single, dual,
and quad amplifiers, respectively, featuring rail-to-rail input
and output swings. All are guaranteed to operate from 2.7 V to
5 V single supply.
The AD857x family provides benefits previously found only in
expensive auto-zeroing or chopper-stabilized amplifiers. Using
Analog Devices, Inc., topology, these zero-drift amplifiers
combine low cost with high accuracy. (No external capacitors
are required.) Using a patented spread-spectrum, auto-zero
technique, the AD857x family eliminates the intermodulation
effects from interaction of the chopping function with the
signal frequency in ac applications.
With an offset voltage of only 1 μV and drift of 0.005 μV/°C, the
AD857x family is perfectly suited for applications where error
sources cannot be tolerated. Position and pressure sensors,
medical equipment, and strain gage amplifiers benefit greatly
from nearly zero drift over their operating temperature range.
Many more systems require the rail-to-rail input and output
swings provided by the AD857x family.
PIN CONFIGURATIONS
V+
OUT A
NC
NC
NC = NO CONNECT
–IN A
+IN A
V–
NC
8
7
6
5
1
2
3
4
AD8571
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead MSOP (RM Suffix)
NC = NO CONNECT
AD8571
TOP VIEW
(Not to Scale)
NC 1
–IN A 2
+IN A 3
V– 4
NC
V+
OUT A
NC
8
7
6
5
Figure 2. 8-Lead SOIC (R Suffix)
–IN A
+IN A
V–
OUT B
–IN B
+IN B
OUT A
V+
1
2
3
4
8
7
6
5
AD8572
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead TSSOP (RU Suffix)
–IN A
+IN A
V–
OUT B
–IN B
+IN B
OUT A
V+
1
2
3
4
8
7
6
5
AD8572
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead SOIC (R Suffix)
OUT A 1
–IN A 2
+IN A 3
V+ 4
+IN B 5
OUT D
–IN D
+IN D
V–
+IN C
14
13
12
11
10
–IN B 6
OUT B 7
–IN C
OUT C
9
8
AD8574
TOP VIEW
(Not to Scale)
Figure 5. 14-Lead TSSOP (RU Suffix)
OUT A 1
–IN A 2
+IN A 3
V+ 4
+IN B 5
OUT D
–IN D
+IN D
V–
+IN C
14
13
12
11
10
–IN B 6
OUT B 7
–IN C
OUT C
9
8
AD8574
TOP VIEW
(Not to Scale)
Figure 6. 14-Lead SOIC (R Suffix)
The AD857x family is specified for the extended industrial/
automotive temperature range (−40°C to +125°C). The AD8571
single amplifier is available in 8-lead MSOP and narrow SOIC
packages. The AD8572 dual amplifier is available in 8-lead narrow
SOIC and surface-mount TSSOP packages. The AD8574 quad
amplifier is available in 14-lead narrow SOIC and TSSOP packages.


유사한 부품 번호 - AD8574AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8574AR-REEL AD-AD8574AR-REEL Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8574AR-REEL AD-AD8574AR-REEL Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574AR-REEL7 AD-AD8574AR-REEL7 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8574AR-REEL7 AD-AD8574AR-REEL7 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

유사한 설명 - AD8574AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551 Datasheet
262Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
AD8571 AD-AD8571 Datasheet
247Kb / 19P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com