전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9248BCPZRL-20 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD9248BCPZRL-20
상세설명  14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9248BCPZRL-20 데이터시트(HTML) 5 Page - Analog Devices

  AD9248BCPZRL-20 Datasheet HTML 1Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 2Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 3Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 4Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 5Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 6Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 7Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 8Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
AD9248
Rev. B | Page 5 of 48
AC SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, CLK_A = CLK_B; AIN = −0.5 dBFS differential input, 1.0 V external reference,
TMIN to TMAX, DCS Enabled, unless otherwise noted.
Table 2.
Test
AD9248BST/BCP-20
AD9248BST/BCP-40
AD9248BST/BCP-65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fINPUT = 2.4 MHz
Full
V
73.4
73.1
72.8
dB
25°C
IV
73.1
73.7
72.8
73.4
72.3
73.1
dB
fINPUT = 9.7 MHz
Full
V
72.9
dB
25°C
IV
72.4
73.1
dB
fINPUT = 19.6 MHz
Full
V
72.7
dB
25°C
IV
72.3
72.9
dB
fINPUT = 35 MHz
Full
V
71.5
dB
25°C
IV
71.2
71.6
dB
fINPUT = 100 MHz
25°C
V
70
69.5
69.0
dB
SIGNAL-TO-NOISE AND DISTORTION
RATIO (SINAD)
fINPUT = 2.4 MHz
Full
V
73.0
72.8
72.5
dB
25°C
IV
72.2
73.2
72.0
73.0
71.7
72.7
dB
fINPUT = 9.7 MHz
Full
V
72.0
dB
25°C
IV
70.9
72.2
dB
fINPUT = 19.6 MHz
Full
V
72.1
dB
25°C
IV
71.0
72.3
dB
fINPUT = 35 MHz
Full
V
70.9
dB
25°C
IV
70.0
71.0
dB
fINPUT = 100 MHz
25°C
V
69.5
69.0
68.5
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fINPUT = 2.4 MHz
Full
V
11.8
11.8
11.8
Bits
25°C
IV
11.7
11.8
11.7
11.8
11.6
11.8
Bits
fINPUT = 9.7 MHz
Full
V
11.7
Bits
25°C
IV
11.5
11.7
Bits
fINPUT = 19.6 MHz
Full
V
11.7
Bits
25°C
IV
11.5
11.7
Bits
fINPUT = 35 MHz
Full
V
11.5
Bits
25°C
IV
11.3
11.5
Bits
fINPUT = 100 MHz
25°C
V
11.3
11.2
11.2
Bits
WORST HARMONIC (SECOND or THIRD)
fINPUT = 2.4 MHz
Full
V
86.0
85.0
84.0
dBc
25°C
IV
77.5
87.5
77.5
86.0
77.5
86.0
dBc
fINPUT = 9.7 MHz
Full
V
83.0
dBc
25°C
I
76.1
84.0
dBc
fINPUT = 19.6 MHz
Full
V
83.0
dBc
25°C
I
76.0
84.0
dBc
fINPUT = 35 MHz
Full
V
80.0
dBc
25°C
I
73.0
80.5
dBc


유사한 부품 번호 - AD9248BCPZRL-20

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9248BCPZRL-20 AD-AD9248BCPZRL-20 Datasheet
1Mb / 49P
   Dual A/D Converter
More results

유사한 설명 - AD9248BCPZRL-20

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com