전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E-UC3842BN 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 E-UC3842BN
상세설명  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-UC3842BN 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button E-UC3842BN Datasheet HTML 5Page - STMicroelectronics E-UC3842BN Datasheet HTML 6Page - STMicroelectronics E-UC3842BN Datasheet HTML 7Page - STMicroelectronics E-UC3842BN Datasheet HTML 8Page - STMicroelectronics E-UC3842BN Datasheet HTML 9Page - STMicroelectronics E-UC3842BN Datasheet HTML 10Page - STMicroelectronics E-UC3842BN Datasheet HTML 11Page - STMicroelectronics E-UC3842BN Datasheet HTML 12Page - STMicroelectronics E-UC3842BN Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Figure 18 : Slope Compensation Techniques.
RS
R1
IS
RSLOPE
CT
RT
VREG
8
RT/CT
ISENSE
4
3
5
GND
RS
R1
IS
RSLOPE
CT
RT
VREG
8
RT/CT
ISENSE
4
3
5
GND
D95IN348
Figure 19 : Isolated MOSFET Drive and Current Transformer Sensing.
7
6
COMP/LATCH
ISOLATION
BOUNDARY
D95IN349
5.0Vref
VCC
+
-
+
-
Q
S
R
3
R
RS
NS
C
Vin
Q1
NP
VGS Waveforms
+
0
+
0
-
-
50% DC
25% DC
Ipk =
V(pin 1) -1.4
3RS
NS
NP
()
UC3842B
UC3842B
UC2842B/3B/4B/5B - UC3842B/3B/4B/5B
9/15


유사한 부품 번호 - E-UC3842BN

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3844BN STMICROELECTRONICS-E-UC3844BN Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

유사한 설명 - E-UC3842BN

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
   High Performance Current Mode PWM Controller
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com