전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7120KST50 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADV7120KST50
상세설명  CMOS 80 MHz, Triple 8-Bit Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7120KST50 데이터시트(HTML) 3 Page - Analog Devices

  ADV7120KST50 Datasheet HTML 1Page - Analog Devices ADV7120KST50 Datasheet HTML 2Page - Analog Devices ADV7120KST50 Datasheet HTML 3Page - Analog Devices ADV7120KST50 Datasheet HTML 4Page - Analog Devices ADV7120KST50 Datasheet HTML 5Page - Analog Devices ADV7120KST50 Datasheet HTML 6Page - Analog Devices ADV7120KST50 Datasheet HTML 7Page - Analog Devices ADV7120KST50 Datasheet HTML 8Page - Analog Devices ADV7120KST50 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADV7120
REV. B
–3–
TIMING CHARACTERISTICS1
(VAA = +5 V
5%; VREF = +1.235 V; RL = 37.5
, CL = 10 pF; RSET = 560
.
ISYNC connected to IOG. All Specifications TMIN to TMAX
2 unless otherwise noted.)
Parameter
80 MHz Version
50 MHz Version
30 MHz Version
Units
Conditions/Comments
fMAX
80
50
30
MHz max
Clock Rate
tl
3
6
8
ns min
Data & Control Setup Time
t2
2
2
2
ns min
Data & Control Hold Time
t3
12.5
20
33.3
ns min
Clock Cycle Time
t4
4
7
9
ns min
Clock Pulse Width High Time
t5
4
7
9
ns min
Clock Pulse Width Low Time
t6
30
30
30
ns max
Analog Output Delay
20
20
20
ns typ
t7
3
3
3
ns max
Analog Output Rise/Fall Time
t8
3
12
15
15
ns typ
Analog Output Transition Time
NOTES
1TTL input values are 0 to 3 volts, with input rise/fall times
≤3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs
and outputs. See timing notes in Figure 1.
2Temperature range (T
MIN to TMAX): 0°C to +70°C
3Sample tested at +25
°C to ensure compliance.
Specifications subject to change without notice.
CLOCK
DATA
t
2
t
4
t
5
t
8
t
7
t
6
ANALOG OUTPUTS
(IOR, IOG, IOB, I
SYNC )
t
3
t
1
DIGITAL INPUTS
(R0-R7, G0-G7, B0-B7;
SYNC, BLANK,
REF WHITE)
NOTES
1. OUTPUT DELAY (
t
6
) MEASURED FROM THE 50% POINT OF THE RISING EDGE OF
CLOCK TO THE 50% POINT OF FULL-SCALE TRANSITION.
2. TRANSITION TIME (
t
8
) MEASURED FROM THE 50% POINT OF FULL-SCALE
TRANSITION TO WITHIN 2% OF THE FINAL OUTPUT VALUE.
3. OUTPUT RISE/FALL TIME (
t
7
) MEASURED BETWEEN THE 10% AND 90% POINTS
OF FULL TRANSITION.
Figure 1. Video Input/Output Timing


유사한 부품 번호 - ADV7120KST50

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7120KST50 AD-ADV7120KST50 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results

유사한 설명 - ADV7120KST50

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com