전자부품 데이터시트 검색엔진 |
|
SST39VF3201B-70-4I-EKE 데이터시트(PDF) 11 Page - Microchip Technology |
|
SST39VF3201B-70-4I-EKE 데이터시트(HTML) 11 Page - Microchip Technology |
11 / 29 page Data Sheet 32 Mbit Multi-Purpose Flash Plus SST39VF3201B / SST39VF3202B 11 ©2009 Silicon Storage Technology, Inc. S71384-01-000 1/09 Power Up Specifications All functionalities and DC specifications are specified for a VDD ramp rate of greater than 1V per 100 ms (0V to 3V in less than 300 ms). If the VDD ramp rate is slower than 1V per 100 ms, a hardware reset is required. The recom- mended VDD power-up to RESET# high time should be greater than 100 µs to ensure a proper reset. FIGURE 4: Power-Up Diagram Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.) Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V Voltage on A9 Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 13.2V Package Power Dissipation Capability (TA = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA 1. Outputs shorted for no more than one second. No more than one output shorted at a time. Operating Range Range Ambient Temp VDD Commercial Industrial 0°C to +70°C -40°C to +85°C 2.7-3.6V 2.7-3.6V AC Conditions of Test Input Rise/Fall Time . . . . . . . . . . . . . . 5 ns Output Load . . . . . . . . . . . . . . . . . . . . CL = 30 pF See Figures 19 and 20 1384 F24.0 VDD RESET# CE# TPU-READ > 100 µs VDD min 0V VIH TRHR > 50ns |
유사한 부품 번호 - SST39VF3201B-70-4I-EKE |
|
유사한 설명 - SST39VF3201B-70-4I-EKE |