전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC652DGVUA 데이터시트(PDF) 7 Page - Microchip Technology

부품명 TC652DGVUA
상세설명  Integrated Temperature Sensor & Brushless DC Fan Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC652DGVUA 데이터시트(HTML) 7 Page - Microchip Technology

Back Button TC652DGVUA Datasheet HTML 3Page - Microchip Technology TC652DGVUA Datasheet HTML 4Page - Microchip Technology TC652DGVUA Datasheet HTML 5Page - Microchip Technology TC652DGVUA Datasheet HTML 6Page - Microchip Technology TC652DGVUA Datasheet HTML 7Page - Microchip Technology TC652DGVUA Datasheet HTML 8Page - Microchip Technology TC652DGVUA Datasheet HTML 9Page - Microchip Technology TC652DGVUA Datasheet HTML 10Page - Microchip Technology TC652DGVUA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21453B-page 7
TC652/TC653
TABLE 3-3:
TEMPERATURE SELECTION
GUIDE
Note: The Bold Type temperature settings are available for ordering.
Contact factory for other temperature selections.
TL and TH canbe selectedin5°C increments. TH must
be chosen at least 10°C higher than TL.TL can range
anywhere from 25°C to 35°C.
As an example, suppose you wanted the fan to run at
40% speed at 25°C or less and go to full speed at
45°C. You would order the part number TC652AEVUA.
As another example, suppose you wanted the fan to
turn on at 30°C and go to full speed at 45°C. You
would order the part number TC653BEVUA.
4.0
TYPICAL APPLICATIONS
4.1
Reducing Switching Noise
For fans consuming more than 300mA, a slowdown
capacitor (CSLOW) is recommended for reducing
switching PWM induced noise (see Figure 4-1). The
value of this capacitor should be 4.7
µFto47µF,
depending on the fan current consumption.
See Application Note AN771 “Suppressing Acoustic
Noise in PWM Fan Speed Control Systems” for more
information.
FIGURE 4-1:
REDUCING SWITCHING
NOISE
Temp.
Range °C
TL
TH
Part #
10°C
25
35
AC
30
40
BD
35
45
CE
15°C
25
40
AD
30
45
BE
20°C
25
45
AE
30
50
BF
35
55
CG
30°C
25
55
AG
1
8
2
7
3
6
4
5
VDD
PWM
GND
TOVER
NC
GND
GND
+5V VDD
CSENSE
CSLOW
0.01µF
10µF
RSENSE
2
1k
+12V
TC652
TC653
SHDN
FAULT
GND
µController
DC Fan
400mA
Max.
SHDN Control
Fan Fault Alert
Over-Temp
Alert
-


유사한 부품 번호 - TC652DGVUA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC652 MICROCHIP-TC652 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
TC652 MICROCHIP-TC652 Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
logo
SHENZHEN FUMAN ELECTRON...
TC6520 FUMAN-TC6520 Datasheet
237Kb / 4P
   High precision CC/CV primary side controller
More results

유사한 설명 - TC652DGVUA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC651 MICROCHIP-TC651 Datasheet
440Kb / 14P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
logo
STMicroelectronics
TC650 STMICROELECTRONICS-TC650_04 Datasheet
210Kb / 16P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
logo
Copal Electronics
F17FA COPAL-F17FA Datasheet
68Kb / 2P
   BRUSHLESS DC FAN
logo
List of Unclassifed Man...
KD1206PTS1 ETC1-KD1206PTS1 Datasheet
935Kb / 6P
   DC BRUSHLESS FAN
PMD1212PTB1-A ETC-PMD1212PTB1-A Datasheet
552Kb / 9P
   DC BRUSHLESS FAN
logo
Analog Devices
ADT7470 AD-ADT7470 Datasheet
522Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com