전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIP122-S 데이터시트(PDF) 4 Page - Bourns Electronic Solutions

부품명 TIP122-S
상세설명  NPN SILICON POWER DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIP122-S 데이터시트(HTML) 4 Page - Bourns Electronic Solutions

  TIP122-S Datasheet HTML 1Page - Bourns Electronic Solutions TIP122-S Datasheet HTML 2Page - Bourns Electronic Solutions TIP122-S Datasheet HTML 3Page - Bourns Electronic Solutions TIP122-S Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TIP120, TIP121, TIP122
NPN SILICON POWER DARLINGTONS
4
PRODU CT
INFORMA TION
DECEMBER 1971 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
MAXIMUM SAFE OPERATING REGIONS
Figure 4.
THERMAL INFORMATION
Figure 5.
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
1·0
10
100
1000
0·1
1·0
10
100
SAS120AA
TIP120
TIP121
TIP122
DC Operation
t
p = 300 µs,
d = 0.1 = 10%
MAXIMUM POWER DISSIPATION
vs
CASE TEMPERATURE
T
C - Case Temperature - °C
0
255075
100
125
150
0
10
20
30
40
50
60
70
80
TIS120AA


유사한 부품 번호 - TIP122-S

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
TIP122-BP MCC-TIP122-BP Datasheet
359Kb / 2P
   NPN Silicon Transistors
logo
JILIN SINO-MICROELECTRO...
TIP122-O-C-N-B JSMC-TIP122-O-C-N-B Datasheet
214Kb / 5P
   Engine ignition
logo
Unisonic Technologies
TIP122-T60-K UTC-TIP122-T60-K Datasheet
88Kb / 4P
   NPN EPITAXIAL TRANSISTOR
TIP122-T60-K UTC-TIP122-T60-K Datasheet
246Kb / 4P
   NPN EPITAXIAL TRANSISTOR
TIP122-TA3-T UTC-TIP122-TA3-T Datasheet
88Kb / 4P
   NPN EPITAXIAL TRANSISTOR
More results

유사한 설명 - TIP122-S

제조업체부품명데이터시트상세설명
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com