전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC846AW-AU_S2_10001 데이터시트(PDF) 7 Page - Pan Jit International Inc.

부품명 BC846AW-AU_S2_10001
상세설명  NPN GENERAL PURPOSE TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC846AW-AU_S2_10001 데이터시트(HTML) 7 Page - Pan Jit International Inc.

  BC846AW-AU_S2_10001 Datasheet HTML 1Page - Pan Jit International Inc. BC846AW-AU_S2_10001 Datasheet HTML 2Page - Pan Jit International Inc. BC846AW-AU_S2_10001 Datasheet HTML 3Page - Pan Jit International Inc. BC846AW-AU_S2_10001 Datasheet HTML 4Page - Pan Jit International Inc. BC846AW-AU_S2_10001 Datasheet HTML 5Page - Pan Jit International Inc. BC846AW-AU_S2_10001 Datasheet HTML 6Page - Pan Jit International Inc. BC846AW-AU_S2_10001 Datasheet HTML 7Page - Pan Jit International Inc. BC846AW-AU_S2_10001 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PAGE . 7
April 23,2013-REV.02
BC846AW-AU ~ BC850CW-AU
Part No_packing code_Version
BC846AW-AU_R1_000A1
BC846AW-AU_R2_000A1
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D


유사한 부품 번호 - BC846AW-AU_S2_10001

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BC846AW-7-F DIODES-BC846AW-7-F Datasheet
367Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30250 Rev. 8 - 2
BC846AW-7-F DIODES-BC846AW-7-F Datasheet
340Kb / 6P
   NPN SMALL SIGNAL TRANSISTOR
logo
Comchip Technology
BC846AW-G COMCHIP-BC846AW-G Datasheet
135Kb / 5P
   Small Signal Transistor
BC846AW-G COMCHIP-BC846AW-G Datasheet
129Kb / 6P
   Small Signal Transistor
logo
Nexperia B.V. All right...
BC846AW-Q NEXPERIA-BC846AW-Q Datasheet
220Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 2 - 29 March 2023
More results

유사한 설명 - BC846AW-AU_S2_10001

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com