전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-P2032 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-P2032
상세설명  Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-P2032 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-P2032 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2032 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2032 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2032 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2032 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2032 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2032 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2032 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2032 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
(F) Rt. Angle Bend Option 2L
(G) Rt. Angle Bend Option 2S
Pkg F) Lamp – Rt Angle 2L
ALL DIMENSIONS ARE IN MILLIMETERS (INCHES)
CATHODE
STRIPE
9.50 (0.374)
8.92 (0.351)
5.08 (0.200)
NOM.
Pkg G) Lamp – Rt Angle 2S
ALL DIMENSIONS ARE IN MILLIMETERS (INCHES)
CATHODE
STRIPE
3.43 (0.135)
3.94 (0.155)
5.08 (0.200)
NOM.


유사한 부품 번호 - HLMP-P2032

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HLMP-P202 BOARDCOM-HLMP-P202 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
Agilent(Hewlett-Packard...
HLMP-P202-F0000 HP-HLMP-P202-F0000 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-P202-F00XX HP-HLMP-P202-F00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-P205 HP-HLMP-P205 Datasheet
152Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-P205 BOARDCOM-HLMP-P205 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
More results

유사한 설명 - HLMP-P2032

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-PG00-N0011 AVAGO-HLMA-PG00-N0011 Datasheet
356Kb / 11P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-7000 HP-HLMP-7000 Datasheet
220Kb / 12P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
AV02-1496EN AVAGO-AV02-1496EN Datasheet
356Kb / 11P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
logo
Siemens Semiconductor G...
ILD1 SIEMENS-ILD1 Datasheet
32Kb / 1P
   SURFACE MOUNT LEAD BEND OPTIONS
logo
Everlight Electronics C...
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10 Datasheet
190Kb / 10P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10_15 Datasheet
206Kb / 9P
   1.9mm Round Subminiature Z-Bend Lead Infrared LED
EAISG2021A2 EVERLIGHT-EAISG2021A2 Datasheet
484Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
SIR91-21C EVERLIGHT-SIR91-21C Datasheet
175Kb / 9P
   .9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
EAISZ2522A0 EVERLIGHT-EAISZ2522A0 Datasheet
531Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
EAISZ2120A0 EVERLIGHT-EAISZ2120A0 Datasheet
463Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com