전자부품 데이터시트 검색엔진 |
|
HLMP-2400 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-2400 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED |
6 / 16 page 6 Absolute Maximum Ratings HER Yellow Green AlGaAs Red HLMP-2300/ HLMP-2400/ HLMP-2500/ Parameter HLCP-X100 2600/29XX 2700/2950 2800/2965 Series Series Series Series Average Power Dissipated per LED Chip 37 mW[1] 135 mW[2] 85 mW[3] 135 mW[2] Peak Forward Current per LED Chip 45 mA[4] 90 mA[5] 60 mA[5] 90 mA[5] Average Forward Current per LED Chip 15 mA 25 mA 20 mA 25 mA DC Forward Current per LED Chip 15 mA[1] 30 mA[2] 25 mA[3] 30 mA[2] Reverse Voltage per LED Chip 5 V 6 V[6] Operating Temperature Range –20 °C to +100°C[7] –40 °C to +85°C –20 °C to +85°C Storage Temperature Range –40 °C to +85°C Wave Soldering Temperature 250 °C for 3 seconds 1.6 mm (1/16 inch) below Body Notes: 1. Derate above 87 °C at 1.7 mW/°C per LED chip. For DC operation, derate above 91°C at 0.8 mA/°C. 2. Derate above 25 °C at 1.8 mW/°C per LED chip. For DC operation, derate above 50°C at 0.5 mA/°C. 3. Derate above 50 °C at 1.8 mW/°C per LED chip. For DC operation, derate above 60°C at 0.5 mA/°C. 4. See Figure 1 to establish pulsed operation. Maximum pulse width is 1.5 mS. 5. See Figure 6 to establish pulsed operation. Maximum pulse width is 2 mS. 6. Does not apply to bicolor parts. 7. For operation below –20 °C, contact your local Avago sales representative. Electrical/Optical Characteristics at T A = 25°C AlGaAs Red HLCP-X100 Series Parameter HLCP- Symbol Min. Typ. Max. Units Test Conditions A100/D100/E100 IV 3 7.5 mcd IF = 3 mA Luminous Intensity per Lighting Emitting B100/C100/F100/G100 6 15 mcd Area[1] H100 12 30 mcd Peak Wavelength λ PEAK 645 nm Dominant Wavelength[2] λ d 637 nm Forward Voltage per LED VF 1.8 2.2 V IF = 20 mA Reverse Breakdown Voltage per LED VR 515 V IR = 100 µA Thermal Resistance LED Junction-to-Pin R θ J-PIN 250 °C/W/ LED |
유사한 부품 번호 - HLMP-2400 |
|
유사한 설명 - HLMP-2400 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |