전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C08LI-G 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 CAT24C08LI-G
상세설명  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C08LI-G 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button CAT24C08LI-G Datasheet HTML 2Page - ON Semiconductor CAT24C08LI-G Datasheet HTML 3Page - ON Semiconductor CAT24C08LI-G Datasheet HTML 4Page - ON Semiconductor CAT24C08LI-G Datasheet HTML 5Page - ON Semiconductor CAT24C08LI-G Datasheet HTML 6Page - ON Semiconductor CAT24C08LI-G Datasheet HTML 7Page - ON Semiconductor CAT24C08LI-G Datasheet HTML 8Page - ON Semiconductor CAT24C08LI-G Datasheet HTML 9Page - ON Semiconductor CAT24C08LI-G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
CAT24C01, CAT24C02, CAT24C04, CAT24C08, CAT24C16
http://onsemi.com
6
WRITE OPERATIONS
Byte Write
In Byte Write mode, the Master sends the START
condition and the Slave address with the R/W bit set to zero
to the Slave. After the Slave generates an acknowledge, the
Master sends the byte address that is to be written into the
address pointer of the CAT24Cxx. After receiving another
acknowledge from the Slave, the Master transmits the data
byte to be written into the addressed memory location. The
CAT24Cxx device will acknowledge the data byte and the
Master generates the STOP condition, at which time the
device begins its internal Write cycle to nonvolatile memory
(Figure 6). While this internal cycle is in progress (tWR), the
SDA output will be tri−stated and the CAT24Cxx will not
respond to any request from the Master device (Figure 7).
Page Write
The CAT24Cxx writes up to 16 bytes of data in a single
write cycle, using the Page Write operation (Figure 8). The
Page Write operation is initiated in the same manner as the
Byte Write operation, however instead of terminating after
the data byte is transmitted, the Master is allowed to send up
to fifteen additional bytes. After each byte has been
transmitted the CAT24Cxx will respond with an
acknowledge and internally increments the four low order
address bits. The high order bits that define the page address
remain unchanged. If the Master transmits more than sixteen
bytes prior to sending the STOP condition, the address
counter ‘wraps around’ to the beginning of page and
previously transmitted data will be overwritten. Once all
sixteen bytes are received and the STOP condition has been
sent by the Master, the internal Write cycle begins. At this
point all received data is written to the CAT24Cxx in a single
write cycle.
Acknowledge Polling
The acknowledge (ACK) polling routine can be used to
take advantage of the typical write cycle time. Once the stop
condition is issued to indicate the end of the host’s write
operation, the CAT24Cxx initiates the internal write cycle.
The ACK polling can be initiated immediately. This
involves issuing the start condition followed by the slave
address for a write operation. If the CAT24Cxx is still busy
with the write operation, NoACK will be returned. If the
CAT24Cxx has completed the internal write operation, an
ACK will be returned and the host can then proceed with the
next read or write operation.
Hardware Write Protection
With the WP pin held HIGH, the entire memory is
protected against Write operations. If the WP pin is left
floating or is grounded, it has no impact on the operation of
the CAT24Cxx. The state of the WP pin is strobed on the last
falling edge of SCL immediately preceding the first data
byte (Figure 9). If the WP pin is HIGH during the strobe
interval, the CAT24Cxx will not acknowledge the data byte
and the Write request will be rejected.
Delivery State
The CAT24Cxx is shipped erased, i.e., all bytes are FFh.
ADDRESS
BYTE
DATA
BYTE
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
S
T
O
P
P
S
T
A
R
T
BUS ACTIVITY:
MASTER
SLAVE
* For the CAT24C01 a7 = 0
a7 − a0
d7 − d0
Figure 6. Byte Write Sequence


유사한 부품 번호 - CAT24C08LI-G

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24C08LI-GT3 CATALYST-CAT24C08LI-GT3 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C08LI-GT3 ONSEMI-CAT24C08LI-GT3 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
More results

유사한 설명 - CAT24C08LI-G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com