전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7859LAS 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7859LAS
상세설명  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7859LAS 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7859LAS Datasheet HTML 3Page - Analog Devices AD7859LAS Datasheet HTML 4Page - Analog Devices AD7859LAS Datasheet HTML 5Page - Analog Devices AD7859LAS Datasheet HTML 6Page - Analog Devices AD7859LAS Datasheet HTML 7Page - Analog Devices AD7859LAS Datasheet HTML 8Page - Analog Devices AD7859LAS Datasheet HTML 9Page - Analog Devices AD7859LAS Datasheet HTML 10Page - Analog Devices AD7859LAS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7859/AD7859L
REV. A
–7–
PIN FUNCTION DESCRIPTION
Mnemonic
Description
CONVST
Convert Start. Logic input. A low to high transition on this input puts the track/hold into its hold
mode and starts conversion. When this input is not used, it should be tied to DVDD.
RD
Read Input. Active low logic input. Used in conjunction with CS to read from internal registers.
WR
Write Input. Active low logic input. Used in conjunction with CS to write to internal registers.
CS
Chip Select Input. Active low logic input. The device is selected when this input is active.
REFIN/
Reference Input/Output. This pin is connected to the internal reference through a series resistor and is the
REFOUT
reference source for the analog-to-digital converter. The nominal reference voltage is 2.5 V and this appears at the
pin. This pin can be overdriven by an external reference or can be taken as high as AVDD. When this pin is tied to
AVDD, then the CREF1 pin should also be tied to AVDD.
AVDD
Analog Supply Voltage, +3.0 V to +5.5 V.
AGND
Analog Ground. Ground reference for track/hold, reference and DAC.
DVDD
Digital Supply Voltage, +3.0 V to +5.5 V.
DGND
Digital Ground. Ground reference point for digital circuitry.
CREF1
Reference Capacitor (0.1
µF multilayer ceramic). This external capacitor is used as a charge source for the inter-
nal DAC. The capacitor should be tied between the pin and AGND.
CREF2
Reference Capacitor (0.01
µF ceramic disc). This external capacitor is used in conjunction with the on-chip refer-
ence. The capacitor should be tied between the pin and AGND.
AIN1–AIN8
Analog Inputs. Eight analog inputs which can be used as eight single ended inputs (referenced to AGND) or four
pseudo differential inputs. Channel configuration is selected by writing to the control register. None of the inputs
can go below AGND or above AVDD at any time. See Table III for channel selection.
W/B
Word/Byte input. When this input is at a logic 1, data is transferred to and from the AD7859/AD7859L in 16-bit
words on pins DB0 to DB15. When this pin is at a Logic 0, byte transfer mode is enabled. Data is transferred on
pins DB0 to DB7 and pin DB8/HBEN assumes its HBEN functionality.
DB0–DB7
Data Bits 0 to 7. Three state data I/O pins that are controlled by CS, RD and WR. Data output is straight binary
(unipolar mode) or twos complement (bipolar mode).
DB8/HBEN
Data Bit 8/High Byte Enable. When W/B is high, this pin acts as Data Bit 7, a three state data I/O pin that is con-
trolled by CS, RD and WR. When W/B is low, this pin acts as the High Byte Enable pin. When HBEN is low,
then the low byte of data being written to or read from the AD7859/AD7859L is on DB0 to DB7. When HBEN
is high, then the high byte of data being written to or read from the AD7859/AD7859L is on DB0 to DB7.
DB9–DB15
Data Bits 9 to 15. Three state data I/O pins that are controlled by CS, RD and WR. Data output is straight bi-
nary (unipolar mode) or twos complement (bipolar mode).
CLKIN
Master Clock Signal for the device (4 MHz for AD7859, 1.8 MHz for AD7859L). Sets the conversion and calibra-
tion times.
CAL
Calibration Input. A logic 0 in this pin resets all logic. A rising edge on this pin initiates a calibration. This input
overrides all other internal operations.
BUSY
Busy Output. The busy output is triggered high when a conversion or a calibration is initiated, and remains high
until the conversion or calibration is completed.
SLEEP
Sleep Input. This pin is used in conjunction with the PGMT0 and PGMT1 bits in the control register to deter-
mine the power-down mode. Please see the “Power-Down Options” section for details.
NC
No connect pins. These pins should be left unconnected.


유사한 부품 번호 - AD7859LAS

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7859LAS AD-AD7859LAS Datasheet
535Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859LAS AD-AD7859LAS Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859LAS AD-AD7859LAS Datasheet
450Kb / 29P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
AD7859LAS3 AD-AD7859LAS3 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS8-Channel, 12-Bit Sampling ADCs
REV. A
More results

유사한 설명 - AD7859LAS

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7859 AD-AD7859 Datasheet
535Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859APZ AD-AD7859APZ Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859 AD-AD7859_17 Datasheet
450Kb / 29P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
AD7854ARZ AD-AD7854ARZ Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853 AD-AD7853_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854L AD-AD7854L_15 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853 AD-AD7853 Datasheet
350Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com