전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1470DH 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 SI1470DH
상세설명  N-Channel 30 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1470DH 데이터시트(HTML) 5 Page - Vishay Siliconix

  SI1470DH Datasheet HTML 1Page - Vishay Siliconix SI1470DH Datasheet HTML 2Page - Vishay Siliconix SI1470DH Datasheet HTML 3Page - Vishay Siliconix SI1470DH Datasheet HTML 4Page - Vishay Siliconix SI1470DH Datasheet HTML 5Page - Vishay Siliconix SI1470DH Datasheet HTML 6Page - Vishay Siliconix SI1470DH Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 74277
S10-0646-Rev. B, 22-Mar-10
www.vishay.com
5
Vishay Siliconix
Si1470DH
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
2
4
6
0
25
50
75
100
125
150
5
3
1
Package Limited
TC - Case Temperature (°C)
Power Derating
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0
25
50
75
100
125
150
TC - Case Temperature (°C)


유사한 부품 번호 - SI1470DH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1470DH VISHAY-SI1470DH Datasheet
114Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 27-Nov-06
SI1470DH VISHAY-SI1470DH Datasheet
117Kb / 7P
   N-Channel 30 V (D-S) MOSFET
Rev. B, 22-Mar-10
SI1470DH-T1-E3 VISHAY-SI1470DH-T1-E3 Datasheet
114Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 27-Nov-06
SI1470DH VISHAY-SI1470DH_10 Datasheet
117Kb / 7P
   N-Channel 30 V (D-S) MOSFET
Rev. B, 22-Mar-10
More results

유사한 설명 - SI1470DH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com