전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2301BDS-T1-GE3 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI2301BDS-T1-GE3
상세설명  P-Channel 2.5 V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2301BDS-T1-GE3 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI2301BDS-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI2301BDS-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si2301BDS
Document Number: 72066
S11-2044-Rev. F, 17-Oct-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
P-Channel 2.5 V (G-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
•100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
Notes:
a. Pulse width limited by maximum junction temperature.
b. Surface mounted on FR4 board, t
 5 s.
c. Surface mounted on FR4 board.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
b
- 20
0.100 at VGS = - 4.5 V
- 2.4
0.150 at VGS = - 2.5 V
- 2.0
Ordering Information: Si2301BDS-T1-E3 (Lead (Pb)-free)
Si2301BDS-T1-GE3 (Lead (Pb)-free and Halogen-free)
G
TO-236
(SOT-23)
S
D
Top View
2
3
1
Si2301 BDS (L1)*
* Marking Code
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
b
TA = 25 °C
ID
- 2.4
- 2.2
A
TA = 70 °C
- 1.9
- 1.8
Pulsed Drain Currenta
IDM
- 10
Continuous Source Current (Diode Conduction)b
IS
- 0.72
- 0.6
Power Dissipationb
TA = 25 °C
PD
0.9
0.7
W
TA = 70 °C
0.57
0.45
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb
RthJA
120
145
°C/W
Maximum Junction-to-Ambientc
140
175


유사한 부품 번호 - SI2301BDS-T1-GE3

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI2301BDS-T1-GE3 VBSEMI-SI2301BDS-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

유사한 설명 - SI2301BDS-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
logo
Guangdong Kexin Industr...
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. G, 01-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
S-71951-Rev. B, 10-Sep-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com