전자부품 데이터시트 검색엔진 |
|
LM224 데이터시트(PDF) 4 Page - Fairchild Semiconductor |
|
LM224 데이터시트(HTML) 4 Page - Fairchild Semiconductor |
4 / 12 page LM2902,LM324/LM324A,LM224/LM224A 4 Electrical Characteristics (Continued) (VCC = 5.0V, VEE = GND, unless otherwise specified) The following specification apply over the range of -25 °C ≤ TA ≤ + 85°C for the LM224; and the 0°C ≤ TA ≤ +70°C for the LM324 ; and the -40 °C ≤ TA ≤ +85°C for the LM2902 Note: 1. VCC=30V for LM224 and LM324 , VCC = 26V for LM2902 2. These parameters, although guaranteed, are not 100% tested in production. Parameter Symbol Conditions LM224 LM324 LM2902 Unit Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Input Offset Voltage VIO VICM = 0V to VCC -1.5V VO(P) = 1.4V, RS = 0 Ω (Note1) - - 7.0 - - 9.0 - - 10.0 mV Input Offset Voltage Drift ∆VIO/∆TRS = 0Ω (Note2) - 7.0 - - 7.0 - - 7.0 - µV/°C Input Offset Current IIO VCM = 0V - - 100 - - 150 - - 200 nA Input Offset Current Drift ∆IIO/∆TRS = 0Ω (Note2) - 10 - - 10 - - 10 - pA/ °C Input Bias Current IBIAS VCM = 0V - - 300 - - 500 - - 500 nA Input Common-Mode Voltage Range VI(R) Note1 0 - VCC -2.0 0- VCC -2.0 0- VCC -2.0 V Large Signal Voltage Gain GV VCC = 15V, RL = 2.0k Ω VO(P) = 1V to 11V 25 - - 15 - - 15 - - V/mV Output Voltage Swing VO(H) Note1 RL=2k Ω 26 - - 26 - - 22 - - V RL=10k Ω 27 28 - 27 28 - 23 24 - V VO(L) VCC = 5V, RL=10k Ω -5 20 - 5 20 - 5 100 mV Output Current ISOURCE VI(+) = 1V, VI(-) = 0V VCC = 15V, VO(P) = 2V 10 20 - 10 20 - 10 20 - mA ISINK VI(+) = 0V, VI(-) = 1V VCC = 15V, VO(P) = 2V 10 13 - 5 8 - 5 8 - mA Differential Input Voltage VI(DIFF) -- - VCC -- VCC -- VCC V |
유사한 부품 번호 - LM224 |
|
유사한 설명 - LM224 |