전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB1A-24V 데이터시트(PDF) 9 Page - Panasonic Semiconductor

부품명 CB1A-24V
상세설명  MINI-ISO AUTOMOTIVE RELAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CB1A-24V 데이터시트(HTML) 9 Page - Panasonic Semiconductor

  CB1A-24V Datasheet HTML 1Page - Panasonic Semiconductor CB1A-24V Datasheet HTML 2Page - Panasonic Semiconductor CB1A-24V Datasheet HTML 3Page - Panasonic Semiconductor CB1A-24V Datasheet HTML 4Page - Panasonic Semiconductor CB1A-24V Datasheet HTML 5Page - Panasonic Semiconductor CB1A-24V Datasheet HTML 6Page - Panasonic Semiconductor CB1A-24V Datasheet HTML 7Page - Panasonic Semiconductor CB1A-24V Datasheet HTML 8Page - Panasonic Semiconductor CB1A-24V Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Panasonic:
CB1-D-12V CB1-D-24V CB1-P-12V CB1-R-12V CB1-R-24V CB1-12V CB1-24V CB1A-D-12V CB1A-D-24V
CB1A-P-12V CB1A-P-24V CB1A-R-12V CB1A-R-24V CB1A-12V CB1A-24V CB1AF-P-12V CB1AF-P-24V
CB1AF-12V CB1AF-24V CB1AH-P-12V CB1AH-P-24V CB1AH-12V CB1AH-24V CB1F-12V CB1F-M-12V CB1-T-
R-12V CB1aF-D-12V CB1aF-D-24V CB1aF-M-12V CB1aF-M-24V CB1aF-R-12V CB1aF-R-24V CB1aF-T-12V
CB1aF-T-M-12V CB1aF-T-P-12V CB1aF-T-R-12V CB1aH-D-12V CB1aHF-12V CB1aHF-24V CB1aHF-D-12V
CB1aHF-D-24V CB1aHF-M-12V CB1aHF-P-12V CB1aHF-P-24V CB1aHF-R-12V CB1aHF-T-12V CB1aHF-T-24V
CB1aHF-T-D-12V CB1aHF-T-D-24V CB1aHF-T-M-12V CB1aHF-T-M-24V CB1aHF-T-R-12V CB1aHF-T-R-24V
CB1aH-M-24V CB1aH-R-12V CB1aH-T-24V CB1aH-T-D-12V CB1aH-T-D-24V CB1aH-T-M-12V CB1aH-T-M-24V
CB1aH-T-R-12V CB1aH-T-R-24V CB1a-T-P-12V CB1aV-12V CB1aV-24V CB1aV-D-12V CB1aV-D-24V CB1aVF-
12V CB1aVF-24V CB1aVF-D-12V CB1aVF-D-24V CB1aVF-R-12V CB1aVF-R-24V CB1aV-R-12V CB1aV-R-24V
CB1F-D-12V CB1F-D-24V CB1F-P-24V CB1F-T-12V CB1F-T-24V CB1F-T-D-12V CB1F-T-D-24V CB1F-T-M-12V
CB1F-T-M-24V CB1F-T-P-12V CB1F-T-P-24V CB1F-T-R-12V CB1F-T-R-24V CB1-T-12V CB1-T-24V CB1-T-D-
24V CB1-T-M-24V CB1-T-P-12V CB1-T-P-24V CB1-T-R-24V CB1V-12V CB1V-24V CB1V-D-12V CB1V-D-24V
CB1VF-12V


유사한 부품 번호 - CB1A-24V

제조업체부품명데이터시트상세설명
logo
Nais(Matsushita Electri...
CB1A-24V NAIS-CB1A-24V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1A-24V PANASONIC-CB1A-24V Datasheet
138Kb / 8P
   MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
More results

유사한 설명 - CB1A-24V

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G8JR OMRON-G8JR Datasheet
275Kb / 4P
   Power Mini ISO Automotive Relay
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
SC792 PICKER-SC792_17 Datasheet
885Kb / 2P
   4 / 5 Pin Mini ISO Automotive Relay Socket
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com