전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q1553-21 데이터시트(PDF) 8 Page - Pulse A Technitrol Company

부품명 Q1553-21
상세설명  Miltary-Aerospace Division MIL-STD-1553 Interface Transformers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSE [Pulse A Technitrol Company]
홈페이지  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

Q1553-21 데이터시트(HTML) 8 Page - Pulse A Technitrol Company

Back Button Q1553-21 Datasheet HTML 4Page - Pulse A Technitrol Company Q1553-21 Datasheet HTML 5Page - Pulse A Technitrol Company Q1553-21 Datasheet HTML 6Page - Pulse A Technitrol Company Q1553-21 Datasheet HTML 7Page - Pulse A Technitrol Company Q1553-21 Datasheet HTML 8Page - Pulse A Technitrol Company Q1553-21 Datasheet HTML 9Page - Pulse A Technitrol Company Q1553-21 Datasheet HTML 10Page - Pulse A Technitrol Company Q1553-21 Datasheet HTML 11Page - Pulse A Technitrol Company Q1553-21 Datasheet HTML 12Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715
www.pulseeng.com
6
MC118 (1/08)
MIL-STD-1553 TRANSFORMERS
Dual Ratio THT QPL Pulse Transformers
Impedance
(see next page)
Droop
≤ 20%
Overshoot
±1V MAX
Common Mode Rejection (CMR)
≥ 45dB
Frequency Range (no load)
75kHz to 1MHz
Operating Temperature Range
-55°C to 130°C
Weight
≤ 5 grams
Insualtion Resistance (MIN)
10K M
Ω @ 250Vdc
Dielectric Withstanding Voltage
100Vrms
Summary Performance Specifications
Package A
Package G
.625 MAX
15,86
.625
15,86
MAX
6
2
4
1
5
7
8
3
.250
6,35
MAX
.500
12,70
.200
5,08
.375
9,53
MIN
.100
2,54
.020 ± .002
0,51 ± 0,05
Ø
8
4
3
1
2
6
7
5
.020
0,51
.625 MAX
15,86
.625
15,86
MAX
6
2
4
1
5
7
8
3
.250
6,35
MAX
.500
12,70
.200
5,08
.375
9,53
MIN
.100
2,54
.020 ± .002
0,51 ± 0,05
Ø
8
4
3
1
2
6
7
5
Notes:
1. All dimensions are in inches.
2. Tolerances: .xx = +.008
3. All specifications and dimensions
are subject to change without notice
.
Qualified for use in QPL MIL-STD-1553 applications
Dual ratio in a single package (see Schematic)
Designed, built, and tested to MIL-PRF-21038
Levels* C, M, and T
Two packages available: Package A without standoffs,
and Package G with standoffs
Built in ISO 9001 facility
Applicable specifications
MIL-STD-1553B
MIL-STD-202
MIL-PRF-21038
ISO 9001
*Level C - for high reliability commercial/industrial applications
Level M - for general purpose military applications
Level T - for high reliability critical military applications


유사한 부품 번호 - Q1553-21

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
Q1553-21 PULSE-Q1553-21 Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
Q1553-21 PULSE-Q1553-21 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
More results

유사한 설명 - Q1553-21

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
M21038-27-31T PULSE-M21038-27-31T Datasheet
1Mb / 26P
   MIL-STD-1553 TRANSFORMERS QPL Interface Transformers Overview
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
   MIL-STD-1553 Transformers
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
   MIL-STD-1553 Transformers
QC1553-1 PULSE-QC1553-1 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
QC1553-20 PULSE-QC1553-20 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
MIL-STD-1553 PULSE-MIL-STD-1553 Datasheet
512Kb / 2P
   MIL-STD-1553 Transformers
M21038-27-26 PULSE-M21038-27-26 Datasheet
1Mb / 26P
   MIL-STD-1553 TRANSFORMERS QPL Interface Transformers Overview
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
   MIL-STD 1553 Triggering
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com