전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSCSNBN150PGAA5 데이터시트(PDF) 10 Page - Honeywell Solid State Electronics Center

부품명 SSCSNBN150PGAA5
상세설명  Total Error Band Amplified Compensated Analog Output, 1psito 150psi 60mbar 10 bar
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SSCSNBN150PGAA5 데이터시트(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button SSCSNBN150PGAA5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SSCSNBN150PGAA5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SSCSNBN150PGAA5 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SSCSNBN150PGAA5 Datasheet HTML 8Page - Honeywell Solid State Electronics Center SSCSNBN150PGAA5 Datasheet HTML 9Page - Honeywell Solid State Electronics Center SSCSNBN150PGAA5 Datasheet HTML 10Page - Honeywell Solid State Electronics Center SSCSNBN150PGAA5 Datasheet HTML 11Page - Honeywell Solid State Electronics Center SSCSNBN150PGAA5 Datasheet HTML 12Page - Honeywell Solid State Electronics Center SSCSNBN150PGAA5 Datasheet HTML 13Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
www.honeywell.com/sensing
Figure 6. SIP Package Dimensional Drawings (continued)
SIP GN: Ribbed fastener mount, single axial barbed port
2,54 TYP.
[0.100]
21,60
[0.850]
PORT 1
PORT 2
1 2 3 4
4.78 DIA.
[0.188]
0,25
[0.010]
2X 3,94 DIA.
[0.155]
27,96
[1.101]
16,51
[0.650]
19,06
[0.750]
10,63
[0.418]
4X 0,51
[0.020]
SIP NB: Fastener mount, dual axial ports, same side
0,25
[0.010]
2,54 TYP.
[0.100]
22,87
[0.900]
13
[0.52]
2X 3.50 DIA.
[0.138]
21,60
[0.850]
27,31
[1.075]
25,3
[0.996]
PORT 1
PORT 2
4 3 2 1
4X 0,51
[0.020]
2X 4,80 DIA.
[0.189]
SIP RN: Single radial barbed port
0,25
[0.010]
2,54 TYP.
[0.100]
PORT 1
PORT 2
10,0
[0.39]
15,2
[0.60]
10,0
[0.39]
1
2
3
4
5,80
[0.228]
1,92 DIA.
[0.076]
4X 0,51
[0.020]
SIP RR: Dual radial barbed ports, same side
0,25
[0.010]
2,54 TYP.
[0.100]
PORT 1
PORT 2
1
2
3
4
10,0
[0.39]
15,2
[0.60]
10,0
[0.39]
2X 1,92 DIA.
[0.076]
6,16
[0.243]
4X 0,51
[0.020]


유사한 부품 번호 - SSCSNBN150PGAA5

제조업체부품명데이터시트상세설명
logo
Honeywell Solid State E...
SSCSNBN1.6BC2A3 HONEYWELL-SSCSNBN1.6BC2A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
SSCSNBN1.6BC2A5 HONEYWELL-SSCSNBN1.6BC2A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
SSCSNBN1.6BC3A3 HONEYWELL-SSCSNBN1.6BC3A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
SSCSNBN1.6BC3A5 HONEYWELL-SSCSNBN1.6BC3A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
SSCSNBN1.6BC4A3 HONEYWELL-SSCSNBN1.6BC4A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
More results

유사한 설명 - SSCSNBN150PGAA5

제조업체부품명데이터시트상세설명
logo
Honeywell Solid State E...
SSCSHHN100MD2A5 HONEYWELL-SSCSHHN100MD2A5 Datasheet
1Mb / 12P
   Total Error Band Amplified Compensated Digital Output, 1 psi to 150 psi 60mbar to 10 bar
SSC HONEYWELL-SSC_1 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,60 mbar to 10 bar
SSCSANN010BGAA3 HONEYWELL-SSCSANN010BGAA3 Datasheet
1Mb / 12P
   TruStability Silicon Pressure Sensors: SSC Series- standard Accuracy -2% Total Error Band, Analog Output,SIP,60 mbar to 10 bar
HSC HONEYWELL-HSC_1 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
HSC HONEYWELL-HSC_3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
SSC HONEYWELL-SSC_5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
HSC HONEYWELL-HSC_5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
logo
TE Connectivity Ltd
U5300 TEC-U5300 Datasheet
167Kb / 7P
   Superior Accuracy and Total Error Band
logo
Honeywell Solid State E...
SSC HONEYWELL-SSC_3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
logo
TE Connectivity Ltd
MS4525 TEC-MS4525 Datasheet
412Kb / 15P
   Amplified Ratiometric Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com