전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSCSHHN250MG2A5 데이터시트(PDF) 8 Page - Honeywell Solid State Electronics Center

부품명 SSCSHHN250MG2A5
상세설명  Total Error Band Amplified Compensated Digital Output, 1 psi to 150 psi 60mbar to 10 bar
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SSCSHHN250MG2A5 데이터시트(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button SSCSHHN250MG2A5 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 8Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 9Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 10Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 11Page - Honeywell Solid State Electronics Center SSCSHHN250MG2A5 Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
www.honeywell.com/sensing
Figure 5. SMT Pressure Port Dimensional Drawings (For reference only: mm [in])
SMT NN: No ports
13,4
[0.53]
10,0
[0.39]
6,99
[0.275]
1
2
3
4
8
7
6
5
5,44
[0.214]
2,54 TYP.
[0.100]
6,41
[0.252]
4,80
[0.189]
8X 0,46
[0.018]
PORT 1
PORT 2
SMT AN: Single axial barbed port
1
2
3
4
8
7
6
5
10,0
[0.39]
13,4
[0.53]
7,95
[0.313]
13,75
[0.541]
4,93 DIA.
[0.194]
2,54 TYP.
[0.100]
PORT 1
PORT 2
6,77
[0.266]
4,80
[0.189]
8X 0,46
[0.018]
6,99
[0.275]
SMT LN: Single axial barbless port
10,0
[0.394]
13,35
[0.525]
6,99
[0.275]
1
2
3
4
8
7
6
5
2,54 TYP.
[0.100]
6,77
[0.266]
4,80
[0.189]
5,80
[0.228]
13,75
[0.541]
8X 0,46
[0.018]
PORT 1
PORT 2
2,47 DIA.
[0.097]
SMT RN: Single radial barbed port
13,3
[0.53]
10,0
[0.39]
6,99
[0.275]
1
2
3
4
8
7
6
5
5,80
[0.228]
2,54 TYP.
[0.100]
6,77
[0.266]
4,80
[0.189]
8X 0,46
[0.018]
PORT 1
1,93 DIA.
[0.076]
4,2
[0.17]
PORT 1
PORT 2
SMT RR: Dual radial barbed ports, same side
10,0
[0.39]
6,99
[0.275]
1
2
3
4
8
7
6
5
6,16
[0.242]
2,54 TYP.
[0.100]
6,77
[0.266]
4,80
[0.189]
8X 0,46
[0.018]
13,35
[0.525]
4,6
[0.18]
PORT 1
PORT 2
2X 1,93 DIA.
[0.076]
PORT 1
PORT 2
4,0
[0.16]
3,78
[0.149]
SMT DR: Dual radial barbed ports, opposite sides
1
2
3
4
8
7
6
5
13,4
[0.53]
PORT 2
PORT 1
10,0
[0.39]
6,99
[0.275]
2X 2,93
[0.115]
15,8
[0.62]
2,54 TYP.
[0.100]
2X 1,93 DIA.
[0.076]
6,77
[0.266]
4,80
[0.189]
6,16
[0.242]
3,78
[0.149]
8X 0,46
[0.018]


유사한 부품 번호 - SSCSHHN250MG2A5

제조업체부품명데이터시트상세설명
logo
Honeywell Solid State E...
SSCSAAD001PG2A3 HONEYWELL-SSCSAAD001PG2A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG2A5 HONEYWELL-SSCSAAD001PG2A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG3A3 HONEYWELL-SSCSAAD001PG3A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG3A5 HONEYWELL-SSCSAAD001PG3A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSCSAAD001PG4A3 HONEYWELL-SSCSAAD001PG4A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
More results

유사한 설명 - SSCSHHN250MG2A5

제조업체부품명데이터시트상세설명
logo
Honeywell Solid State E...
SSCSNBN015PDAA5 HONEYWELL-SSCSNBN015PDAA5 Datasheet
1Mb / 13P
   Total Error Band Amplified Compensated Analog Output, 1psito 150psi 60mbar 10 bar
SSC HONEYWELL-SSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
SSC HONEYWELL-SSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com