전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7303TR 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRF7303TR
상세설명  Generation V Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7303TR 데이터시트(HTML) 8 Page - International Rectifier

  IRF7303TR Datasheet HTML 1Page - International Rectifier IRF7303TR Datasheet HTML 2Page - International Rectifier IRF7303TR Datasheet HTML 3Page - International Rectifier IRF7303TR Datasheet HTML 4Page - International Rectifier IRF7303TR Datasheet HTML 5Page - International Rectifier IRF7303TR Datasheet HTML 6Page - International Rectifier IRF7303TR Datasheet HTML 7Page - International Rectifier IRF7303TR Datasheet HTML 8Page - International Rectifier IRF7303TR Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRF7303
Package Outline
SO8 Outline
SO8
Part Marking Information
EXAM PL E :
TH IS IS AN IR F 7 101
DA T E CO DE (Y W W )
Y = LAST D IG IT O F T H E YEAR
WW = WE E K
W A F E R
L O T
C O D E
(L AST 4 D IG IT S )
XXXX
BO T TO M
PAR T N U M BER
TOP
IN T E RNA TI ON A L
R E C T IF IE R
L O G O
F 7 101
312
K x 45°
C
8X
L
8X
θ
H
0.25 (.010)
M
A M
A
0.10 (.004)
B 8X
0.25 (.010)
M
C A S B S
- C -
6X
e
- B -
D
E
- A -
8
7
6
5
1
2
3
4
5
6
5
RECOMMENDED FOOTPRINT
0.72 (.028 )
8X
1.78 (.070)
8X
6.46 ( .255 )
1.27 ( .050 )
3X
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
.0532
.0688
1.35
1.75
A1
.0040
.0098
0.10
0.25
B
.014
.018
0.36
0.46
C
.0075
.0098
0.19
0.25
D
.189
.196
4.80
4.98
E
.150
.157
3.81
3.99
e
.050 BASIC
1.27 BASIC
e1
.025 BASIC
0.635 BASIC
H
.2284
.2440
5.80
6.20
K
.011
.019
0.28
0.48
L
0.16
.050
0.41
1.27
θ
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1982.
2. CONTROLLING DIMENSION : INCH.
3. DIMENSIONS ARE SHOWN IN MILLIMETERS (INCHES).
4. OUTLINE CONFORMS TO JEDEC OUTLINE MS-012AA.
DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS
MOLD PROTRUSIONS NOT TO EXCEED 0.25 (.006).
DIMENSIONS IS THE LENGTH OF LEAD FOR SOLDERING TO A SUBSTRATE..
5
6
A1
e1


유사한 부품 번호 - IRF7303TR

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
IRF7303TR UMW-IRF7303TR Datasheet
446Kb / 8P
   Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
IRF7303TRPBF VBSEMI-IRF7303TRPBF Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - IRF7303TR

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com