전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC79L18ACP 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 MC79L18ACP
상세설명  3-Terminal 0.1A Negative Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC79L18ACP 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button MC79L18ACP Datasheet HTML 4Page - Fairchild Semiconductor MC79L18ACP Datasheet HTML 5Page - Fairchild Semiconductor MC79L18ACP Datasheet HTML 6Page - Fairchild Semiconductor MC79L18ACP Datasheet HTML 7Page - Fairchild Semiconductor MC79L18ACP Datasheet HTML 8Page - Fairchild Semiconductor MC79L18ACP Datasheet HTML 9Page - Fairchild Semiconductor MC79L18ACP Datasheet HTML 10Page - Fairchild Semiconductor MC79L18ACP Datasheet HTML 11Page - Fairchild Semiconductor MC79L18ACP Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC79LXXA/LM79LXXA
10
Mechanical Dimensions (Continued)
Package
Dimensions in millimeters
5.72
0.225
1.55
±0.20
0.061
±0.008
0.1~0.25
0.004~0.001
6.00
±0.30
0.236
±0.012
3.95
±0.20
0.156
±0.008
0.50
±0.20
0.020
±0.008
#1
#4
#5
#8
1.80
0.071
MAX
MIN
8-SOP


유사한 부품 번호 - MC79L18ACP

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC79L18ACP MOTOROLA-MC79L18ACP Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79L18ACP ONSEMI-MC79L18ACP Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
logo
Fairchild Semiconductor
MC79L18ACP FAIRCHILD-MC79L18ACP Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
ON Semiconductor
MC79L18ACP ONSEMI-MC79L18ACP Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
MC79L18ACPG ONSEMI-MC79L18ACPG Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
More results

유사한 설명 - MC79L18ACP

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com