전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF1010G 데이터시트(PDF) 1 Page - Yea Shin Technology Co., Ltd

부품명 UF1010G
상세설명  ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YEASHIN [Yea Shin Technology Co., Ltd]
홈페이지  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF1010G 데이터시트(HTML) 1 Page - Yea Shin Technology Co., Ltd

  UF1010G Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF1010G Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ULT RAFAST SWITCHING RECTIFIER
VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
FE A T URES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
• Void-free Plastic in DO-41 package
• 1.0 ampere operation at TA=55 OC with no thermal runaway
• Exceeds environmental standards of MIL-S-19500/228
• Ultra fast switching for high efficiency
High temperature soldering : 260
OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
MECHANICAL DATA
• Case: Molded plastic, DO -41 GLASS PASSIVATION
• Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
• Polarity: Band denotes cathode
• Mounting Position: Any
• Weight: 0.013 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
UF100G UF101G UF102G UF104G UF106G UF108G UF1010G
UNITS
Peak Rev erse Volt age, Pepetitive ; VRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
DC Bl ocki ng Voltage; VR
50
100
200
400
600
800
1000
V
Average Forward Current, Io @TA=55
3.8”
lead length, 60Hz, resistive or i nductive load
1.0
A
Peak Forward Surge Current IFM (surge)
8.3msec . single half sine- wave superimposed on rated load
(JEDEC method)
30.0
A
Maximum For ward Voltage VF @1.0A, 25
1.00
1.30
1.50
1.70
V
Maxi mum Reverse Current, @ Rated TJ=25
Reverse Voltage TJ=100
5
100
µA
µA
Typi cal Junction capacitance (Note 1) CJ
17.0
pF
Typi cal Junction Resi stance (Note 2) R JA
60.0
Reverse Recovery Time
IF=.5A, IR=1A, Irr=.25A
50
75
ns
Operati ng and Storage Temperature Range
-55 to +150
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2. Thermal resistance from junction to ambient and from junction to lead length 0.375”(9.5mm) P.C.B. mounted
.034 (.86)
.028 (.71)
.205 (5.2)
.160 (4.1)
.107 (2.7)
.080 (2.0)
DIA.
DIA.
DO-41
Unit:inch(mm)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
DATA SHEET
UF100G~UF1010G
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C
°C/W
°C
°C
°C
°C


유사한 부품 번호 - UF1010G

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
UF1010G PANJIT-UF1010G Datasheet
113Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
logo
Zibo Seno Electronic En...
UF1010G ZSELEC-UF1010G Datasheet
89Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Pan Jit International I...
UF1010G-AU PANJIT-UF1010G-AU Datasheet
108Kb / 4P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF1010GS PANJIT-UF1010GS Datasheet
428Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
More results

유사한 설명 - UF1010G

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
UF100S PANJIT-UF100S Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
UF100 YEASHIN-UF100 Datasheet
79Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
logo
Pan Jit International I...
1U1 PANJIT-1U1 Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
UF150 YEASHIN-UF150 Datasheet
41Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Ampere
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com