전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC79L08 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 MC79L08
상세설명  3-Terminal 0.1A Negative Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC79L08 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button MC79L08 Datasheet HTML 3Page - Fairchild Semiconductor MC79L08 Datasheet HTML 4Page - Fairchild Semiconductor MC79L08 Datasheet HTML 5Page - Fairchild Semiconductor MC79L08 Datasheet HTML 6Page - Fairchild Semiconductor MC79L08 Datasheet HTML 7Page - Fairchild Semiconductor MC79L08 Datasheet HTML 8Page - Fairchild Semiconductor MC79L08 Datasheet HTML 9Page - Fairchild Semiconductor MC79L08 Datasheet HTML 10Page - Fairchild Semiconductor MC79L08 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC79LXXA/LM79LXXA
7
Electrical Characteristics(MC79L24A) (Continued)
(VI = -33V, IO = 40mA, CI = 0.33
µF, CO = 0.1µF, 0°C ≤TJ ≤ +125°C, unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25
°C
-23
-24
-25
V
Line Regulation (Note1)
∆VO
TJ = +25
°C
-27V
≥ VI ≥ -38V
-
-
350
mV
-28V
≥ VI ≥ -38V
-
-
300
mV
Load Regulation (Note1)
∆VO
TJ = +25
°C
1.0mA
≤ IO ≤ 100mA
-
-
200
mV
1.0mA
≤ IO ≤ 40mA
-
-
100
mV
Output Voltage
VO
-27V
≥ VI ≥ -38V, 1.0mA ≤ IO ≤ 40mA -22.8
-
-25.2
V
VI = -33V, 1.0mA
≤ IO ≤ 70mA
-22.8
-
-25.2
V
Quiescent Current
IQ
TJ = +25
°C-
-
6.5
mA
TJ = +125
°C-
-
6.0
Quiescent Current
Change
With Line
∆IQ
-28V
≥ VI ≥ -38V
-
-
1.5
mA
With Load
∆IQ
1.0mA
≤ IO ≤ 40mA
-
-
0.1
mA
Output Noise Voltage
VN
TA = +25
°C,10Hz ≤ f ≤ 100kHz
-
200
-
µV
Ripple Rejection
RR
f = 120Hz, -29V
≥ VI ≥ -35V
TJ = +25
°C
31
47
-
dB
Dropout Voltage
VD
TJ = +25
°C-
1.7
-
V


유사한 부품 번호 - MC79L08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MC79L08ACP FAIRCHILD-MC79L08ACP Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP Datasheet
642Kb / 1P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08BP MCC-MC79L08BP Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08BP MCC-MC79L08BP Datasheet
217Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08BP-AP MCC-MC79L08BP-AP Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
More results

유사한 설명 - MC79L08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com